Electronic Components Datasheet Search
  English  ▼

X  

REFD5512 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # REFD5512
Description  Riverside (MAXREFDES8#): 3.3V Input, 12V (15V) Output Isolated Power Supply
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

REFD5512 Datasheet(HTML) 1 Page - Maxim Integrated Products

  REFD5512 Datasheet HTML 1Page - Maxim Integrated Products REFD5512 Datasheet HTML 2Page - Maxim Integrated Products REFD5512 Datasheet HTML 3Page - Maxim Integrated Products REFD5512 Datasheet HTML 4Page - Maxim Integrated Products REFD5512 Datasheet HTML 5Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Maxim > Design Support > Technical Documents > Reference Designs > Medical > APP 5512
Maxim > Design Support > Technical Documents > Reference Designs > Power-Supply Circuits > APP 5512
Maxim > Design Support > Technical Documents > Reference Designs > Protection and Isolation > APP 5512
Keywords: power, 15V, 12V, pmod, industrial sensors, process control, industrial automation, medical, industrial
power, halo, transformer, riverside, maxrefdes8, industrial, power
REFERENCE DESIGN 5512 INCLUDES:
Tested Circuit
Schematic
BOM
Description
Test Data
Layout
Riverside (MAXREFDES8#): 3.3V Input, 12V (15V)
Output Isolated Power Supply
Nov 06, 2012
Abstract: This document details the Riverside (MAXREFDES8#) subsystem reference design, a 3.3V input, 12V
(15V) output isolated power supply. The Riverside reference design includes a 3W primary-side transformer H-
bridge driver for isolated supplies, and one wide input range and adjustable output low dropout (LDO) linear
regulator. Test results and hardware files are included.
Introduction
The Riverside design (MAXREFDES8#) uses an H-bridge
transformer driver (MAX256) and a low dropout (LDO) linear
regulator (MAX1659) to create a 12V (15V) output isolated
power supply from a 3.3V voltage input (Figure 1). This
general-purpose power solution can be used in many different
types of isolated power applications, but is mainly targeted for
industrial sensors, industrial automation, process control, and
medical applications.
More detailed image (JPG)
Figure 1. The Riverside subsystem design block diagram.
Features
Applications
Isolated power
12V (15V) output
Small printed circuit board (PCB) area
Pmod™-compatible form factor
Industrial sensors
Process control
Industrial automation
Medical
Detailed Description of Hardware
The Riverside subsystem reference design operates from a 3.3V DC power source. The MAX256 H-bridge
Page 1 of 5


Similar Part No. - REFD5512

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
REFD5510 MAXIM-REFD5510 Datasheet
137Kb / 5P
Lakewood (MAXREFDES7#): 3.3V Input, 짹12V (짹15V) Output Isolated Power Supply
More results

Similar Description - REFD5512

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
S7DC-16D330 BEL-S7DC-16D330 Datasheet
176Kb / 10P
NON-ISOLATED DC/DC CONVERTERS 4.75 - 15V Input / 3.3V Output / 16A
SRDC-16D330 BEL-SRDC-16D330 Datasheet
183Kb / 10P
NON-ISOLATED DC/DC CONVERTERS 4.75 - 15V Input / 3.3V Output / 16A
V7PA-03A BEL-V7PA-03A Datasheet
365Kb / 9P
NON-ISOLATED DC/DC CONVERTERS 12V Input / 1.5 - 3.3V Output / 3A
V7PC-07A BEL-V7PC-07A Datasheet
266Kb / 9P
NON-ISOLATED DC/DC CONVERTERS 12V Input / 1.5 - 3.3V Output / 7A
logo
Maxim Integrated Produc...
MAX17681EVKIT MAXIM-MAX17681EVKIT Datasheet
770Kb / 8P
MAX17681 for Isolated -15V or -12V Output Configuration
Rev 2; 2/17
MAX17681AEVKITC MAXIM-MAX17681AEVKITC Datasheet
702Kb / 7P
MAX17681A for Isolated 15V or 12V Output Configuration
Rev 1; 6/17
MAX17681AEVKITA MAXIM-MAX17681AEVKITA Datasheet
801Kb / 8P
MAX17681A for Isolated -15V or -12V Output Configuration
Rev 0; 3/17
MAXREFDES9 MAXIM-MAXREFDES9 Datasheet
353Kb / 8P
3.3V to 15V Input, 짹15V (짹12V) Output, Isolated Power Supply
Oct 25, 2012
REFD5510 MAXIM-REFD5510 Datasheet
137Kb / 5P
Lakewood (MAXREFDES7#): 3.3V Input, 짹12V (짹15V) Output Isolated Power Supply
logo
Wurth Elektronik GmbH &...
1769205X2 WURTH-1769205X2 Datasheet
1Mb / 37P
3.3V ??12V / 1W / 2kV functional isolated unregulated 5V / 12V / 15V Output
Rev. 1.0
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com