Electronic Components Datasheet Search
  English  ▼

X  

REFD5510 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # REFD5510
Description  Lakewood (MAXREFDES7#): 3.3V Input, 짹12V (짹15V) Output Isolated Power Supply
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

REFD5510 Datasheet(HTML) 1 Page - Maxim Integrated Products

  REFD5510 Datasheet HTML 1Page - Maxim Integrated Products REFD5510 Datasheet HTML 2Page - Maxim Integrated Products REFD5510 Datasheet HTML 3Page - Maxim Integrated Products REFD5510 Datasheet HTML 4Page - Maxim Integrated Products REFD5510 Datasheet HTML 5Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Maxim > Design Support > Technical Documents > Reference Designs > Medical > APP 5510
Maxim > Design Support > Technical Documents > Reference Designs > Power-Supply Circuits > APP 5510
Maxim > Design Support > Technical Documents > Reference Designs > Protection and Isolation > APP 5510
Keywords: power, pmod, industrial sensors, process control, industrial automation, medical, industrial power, halo
electronics, transformer, lakewood, maxrefdes7, industrial, dual supplies, power
REFERENCE DESIGN 5510 INCLUDES:
Tested Circuit
Schematic
BOM
Description
Test Data
Layout
Lakewood (MAXREFDES7#): 3.3V Input, ±12V (±15V)
Output Isolated Power Supply
Nov 06, 2012
Abstract: This document details the Lakewood (MAXREFDES7#) subsystem reference design, a 3.3V input, ±12V
(±15V) output, isolated power supply. The Lakewood reference design includes a 3W primary-side transformer H-
bridge driver for isolated supplies, and two wide input range and adjustable output low dropout (LDO) linear
regulators. Test results and hardware files are included.
Introduction
The Lakewood design (MAXREFDES7#) uses an H-bridge
transformer driver (MAX256) and a pair of low dropout (LDO)
linear regulators (MAX1659 x2) to create a ±12V (±15V)
output isolated power supply from a 3.3V voltage input
(Figure 1). This general-purpose power solution can be used
in many different types of isolated power applications, but is
mainly targeted for industrial sensors, industrial automation,
process control, and medical applications.
More detailed image (PDF, 1.9MB)
Figure 1. The Lakewood subsystem design block diagram.
Features
Applications
Isolated power
±12V (±15V) outputs
Small printed circuit board (PCB) area
Pmod™-compatible form factor
Industrial sensors
Process control
Industrial automation
Medical
Detailed Description of Hardware
The Lakewood subsystem reference design operates from a 3.3V DC power source. The MAX256 H-bridge
transformer driver switches at approximately 475kHz and drives the primary side of the 1:2.6 turns ratio, with the
Page 1 of 5


Similar Part No. - REFD5510

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
REFD5512 MAXIM-REFD5512 Datasheet
119Kb / 5P
Riverside (MAXREFDES8#): 3.3V Input, 12V (15V) Output Isolated Power Supply
Nov 06, 2012
More results

Similar Description - REFD5510

ManufacturerPart #DatasheetDescription
logo
Power-One
RND02ZGE POWER-ONE-RND02ZGE Datasheet
316Kb / 14P
RND Series: 8-10W DC/DC Converters 38-75V Input 3.3V & 5.0V, 짹12V Dual Outputs 짹15V, available with trimming
logo
Maxim Integrated Produc...
MAX742 MAXIM-MAX742 Datasheet
143Kb / 12P
Switch-Mode Regulator with 5V to 짹12V or 짹15V Dual Output
19-3105; Rev 2; 8/96
MAX8215 MAXIM-MAX8215 Datasheet
156Kb / 12P
짹5V, 짹12V (짹15V) Dedicated Microprocessor Voltage Monitors
Rev 0; 8/93
logo
STMicroelectronics
TSM115 STMICROELECTRONICS-TSM115 Datasheet
219Kb / 17P
3.3V 5V 짹12V Housekeeping IC
Jul-2004
TSM114 STMICROELECTRONICS-TSM114 Datasheet
166Kb / 14P
3.3V 5V 짹12V Housekeeping IC
Oct-2004
logo
ADTech
ADT7220 ADTECH-ADT7220 Datasheet
117Kb / 6P
power supply chip with 3.3V regulated output
logo
Mean Well Enterprises C...
ID-60B MEANWELL-ID-60B_10 Datasheet
393Kb / 2P
60W Isolated Dual Output Switching Power Supply
logo
Maxim Integrated Produc...
MAXREFDES121 MAXIM-MAXREFDES121 Datasheet
568Kb / 7P
MAXREFDES121# Isolated 24V to 3.3V 33W Power Supply
2017
MAXREFDES9 MAXIM-MAXREFDES9 Datasheet
353Kb / 8P
3.3V to 15V Input, 짹15V (짹12V) Output, Isolated Power Supply
Oct 25, 2012
REFD5512 MAXIM-REFD5512 Datasheet
119Kb / 5P
Riverside (MAXREFDES8#): 3.3V Input, 12V (15V) Output Isolated Power Supply
Nov 06, 2012
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com