Electronic Components Datasheet Search
  English  ▼

X  

PE4261 Datasheet(PDF) 2 Page - Peregrine Semiconductor Corp.

Part # PE4261
Description  SP4T UltraCMOS??2.6 V Switch 100 - 3000 MHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.

PE4261 Datasheet(HTML) 2 Page - Peregrine Semiconductor Corp.

  PE4261 Datasheet HTML 1Page - Peregrine Semiconductor Corp. PE4261 Datasheet HTML 2Page - Peregrine Semiconductor Corp. PE4261 Datasheet HTML 3Page - Peregrine Semiconductor Corp. PE4261 Datasheet HTML 4Page - Peregrine Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Product Specification
PE4261
Page 2 of 4
©2005-2006 Peregrine Semiconductor Corp. All rights reserved.
Document No. 70-0188-02
│ UltraCMOS™ RFIC Solutions
NDA required for full version: Contact sales@psemi.com
Figure 3. Pin Configuration (Ball-Side Up)
PE4261
Die
7
6
4
5
10
11
1
12
9
2
8
3
GND
TX2
GND
GND
RX1
RX2
V1
VDD
V2
N/C
ANT
TX1
Table 2. Pin Descriptions
Pin No.
Pin
Name
Description
1
RX13
RF I/O – RX1
2
GND
Ground
3
RX23
RF I/O – RX2
4
V1
Switch control input, CMOS logic level
5
V2
Switch control input, CMOS logic level
6
VDD
Supply
7
GND
Ground
8
TX23
RF I/O - TX2
9
GND
Ground
10
TX13
RF I/O - TX1
11
N/C
No Connect – Pin to be connected to an
electrically isolated low capacitance pad
12
ANT3
RF Common – Antenna Input
Note:
3. Blocking capacitors needed only when non-zero DC
voltage present.
Table 1. PE4261 Electrical Specifications: Temp = 25°C, VDD = 2.6 V
Parameter
Condition
Min
Typ
Max
Unit
Operational Frequency
100
3000
MHz
Insertion Loss
ANT - TX - 850 / 900 MHz
ANT - TX - 1800 / 1900 MHz
ANT - RX - 850 / 900 MHz
ANT - RX - 1800 / 1900 MHz
0.55
0.7
0.85
1.05
0.65
0.8
1.0
1.2
dB
dB
dB
dB
Isolation
TX - RX - 850 / 900 MHz (TX ON)
TX - RX - 1800 / 1900 MHz (TX ON)
TX1 - TX2 - 850 / 900 MHz (TX1 ON)
TX1 - TX2 - 1800 / 1900 MHz (TX1 ON)
37
29
33
26
39
31
35
28
dB
dB
dB
dB
Return Loss
850 / 900 MHz
1800 / 1900 MHz
18
14
20
16
dB
dB
2nd Harmonic1,2
35 dBm TX Input Power - 850 / 900 MHz
33 dBm TX Input Power - 1800 / 1900 MHz
-82
-89
-78
-82
dBc
dBc
3rd Harmonic1,2
35 dBm TX Input Power - 850 / 900 MHz
33 dBm TX Input Power - 1800 / 1900 MHz
-74
-68
-69
-65
dBc
dBc
Switching time
(10-90%) (90-10%) RF
2
3
µs
Notes:
1. Measured in Pulsed Wave Mode.
2. Assumes RF input duty cycle of 50% and 4620
µs, measured per 3GPP TS 45.005



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com