Electronic Components Datasheet Search
  English  ▼

X  

MAXREFDES7 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAXREFDES7
Description  Lakewood (MAXREFDES7#): 3.3V Input, 짹12V (짹15V) Output Isolated Power Supply
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAXREFDES7 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAXREFDES7 Datasheet HTML 1Page - Maxim Integrated Products MAXREFDES7 Datasheet HTML 2Page - Maxim Integrated Products MAXREFDES7 Datasheet HTML 3Page - Maxim Integrated Products MAXREFDES7 Datasheet HTML 4Page - Maxim Integrated Products MAXREFDES7 Datasheet HTML 5Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
simultaneously.
To achieve a larger maximum load, the user can either increase the input power supply voltage or increase the
transformer turns ratio properly. Refer to the MAX256 data sheet for details. The power efficiencies are illustrated in
Figure 2 and Figure 3.
For asymmetrical voltage level applications, the maximum load can be larger for one rail and less for the other rail.
Figure 2. Power efficiency vs. current load for ±12V
outputs.
Figure 3. Power efficiency vs. current load for ±15V
outputs.
The output noise is well below 0.5% of the output voltages. The noise is mainly due to the switching pulses of the
MAX256. Figure 4 and Figure 5 display the noise at no load for 12V and 15V outputs, respectively. Figure 6 and
Figure 7 display the noise at the maximum loads for 12V and 15V outputs, respectively.
The noise on the negative rails is identical to the positive rails for symmetrical load applications.
Figure 4. Noise at VOUT = 12V, IOUT = 0mA.
Figure 5. Noise at VOUT = 15V, IOUT = 0mA.
Page 3 of 5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com