Electronic Components Datasheet Search
  English  ▼

X  

DS5000FP Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # DS5000FP
Description  Soft Microprocessor Chip
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS5000FP Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button DS5000FP Datasheet HTML 6Page - Maxim Integrated Products DS5000FP Datasheet HTML 7Page - Maxim Integrated Products DS5000FP Datasheet HTML 8Page - Maxim Integrated Products DS5000FP Datasheet HTML 9Page - Maxim Integrated Products DS5000FP Datasheet HTML 10Page - Maxim Integrated Products DS5000FP Datasheet HTML 11Page - Maxim Integrated Products DS5000FP Datasheet HTML 12Page - Maxim Integrated Products DS5000FP Datasheet HTML 13Page - Maxim Integrated Products DS5000FP Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
DS5000FP
10 of 22
DC CHARACTERISTICS (continued)
(VCC = 5V
±5%, TA = 0°C to +70°C.)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Operating Current at 16MHz
ICC
36
mA
2
Idle Mode Current at 12MHz
IIDLE
6.2
mA
3
Output Supply Voltage
VCCO1
VCC - 0.3
V
1
Output Supply Voltage
(Battery-Backed Mode)
VCCO2
VLI - 0.65
VLI - 0.5
V
8
Output Supply Current
at VCCO = VCC - 0.3V
ICCO1
80
mA
2
Battery-Backed Quiescent Current
ILI
5
75
nA
7
NOTES:
1. All voltages are referenced to ground.
2. Maximum operating ICC is measured with all output pins disconnected; XTAL1 driven with tCLKR,
tCLKF = 10ns, VIL = 0.5V; XTAL2 disconnected; EA = RST = PORT0 = VCC.
3. Idle mode ICC is measured with all output pins disconnected; XTAL1 driven at 12MHz with tCLKR,
tCLKF = 10ns, VIL = 0.5V; XTAL2 disconnected; EA = PORT0 = VCC, RST = VSS.
4. Stop mode ICC is measured with all output pins disconnected; EA = PORT0 = VCC; XTAL2 not
connected; RST = VSS.
5. Crystal startup time is the time required to get the mass of the crystal into vibrational motion from the
time that power is first applied to the circuit until the first clock pulse is produced by the on-chip
oscillator. The user should check with the crystal vendor for the worst-case spec on this time.
6. Assumes VLI = 3.3V maximum.
7. ILI is the current drawn from VLI when VCC = 0V and VCCO is disconnected.
8. I CCO = 10
mA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com