Electronic Components Datasheet Search
  English  ▼

X  

MAX6320P Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX6320P
Description  Supervisory Circuit Evaluation Kit
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6320P Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX6320P Datasheet HTML 1Page - Maxim Integrated Products MAX6320P Datasheet HTML 2Page - Maxim Integrated Products MAX6320P Datasheet HTML 3Page - Maxim Integrated Products MAX6320P Datasheet HTML 4Page - Maxim Integrated Products MAX6320P Datasheet HTML 5Page - Maxim Integrated Products MAX6320P Datasheet HTML 6Page - Maxim Integrated Products MAX6320P Datasheet HTML 7Page - Maxim Integrated Products MAX6320P Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
voltage. Connect a voltmeter or oscilloscope to the TP
pad. Turn R18 clockwise until the voltage at TP goes
high (VCC). Slowly turn R18 counterclockwise until the
voltage goes low. The SUPEVKIT is now set to trip when
the supply voltage decreases to this voltage. To disable
undervoltage reset, open jumper JU4.
Overvoltage Setup
Potentiometer R19 sets the overvoltage reset threshold.
To enable the overvoltage reset feature, install the
jumpers in the positions specified in Table 5. Use a volt-
meter to set the power-supply voltage to the desired trip
voltage. Connect a voltmeter or oscilloscope to the TP
pad. Turn R19 clockwise until the voltage at TP goes
high (VCC). Slowly turn R19 counterclockwise until the
voltage goes low. The SUPEVKIT is now set to trip when
the supply voltage increases to this voltage. To disable
overvoltage reset, move JU2’s shunt to position 2-3.
Note: If the voltage at TP does not pull high after turning
R19 clockwise for 14 turns, turn R18 counterclockwise.
The undervoltage trip point might be set higher than the
supply voltage, holding the SUPEVKIT in reset.
Negative-Going VCC Transients
The SUPEVKIT is relatively immune to short-duration
negative-going transients (glitches). If more immunity is
required, install 0.1µF bypass capacitors for C3 and C4.
Supervisory Circuit Evaluation Kit
4
_______________________________________________________________________________________
MINIMUM
TIMEOUT PERIOD (ms)
CUT TRACE
BETWEEN:
1
C1 and C5
20
C5 and C6
140
C6 and C7
1120
No cutting necessary*
JUMPER
STATE
JU2
2-3
JU3
Closed
JU4
Closed
JU5
Closed
Table 2. Selecting the Reset Timeout
Period
Table 4. Undervoltage Setup
Table 5. Overvoltage Setup
JUMPER
STATE
JU2
1-2
JU3
Closed
JU4
Closed
JU5
Closed
*
Default jumper state.
MINIMUM
WATCHDOG
TIMEOUT (tWD)
C1 VALUE
JU1 STATE
4.3ms
2200pF ±20%
2-3
71ms
0.039µF ±20%
2-3
1.12sec
1200pF ±20%
1-2
17.9sec
0.018µF ±20%
1-2
Table 3. Capacitance Values for
Common Watchdog Timeout Periods
JUMPER
STATE
FUNCTION
JU1
1-2
Watchdog-select connected to VCC
(extended mode).
Closed*
2-3*
Watchdog-select connected to GND
(normal mode).
JU2
1-2
Use R19 to set overvoltage threshold.
Open
2-3*
Disable overvoltage comparator.
JU3
Open
Use OVRSTIN pad.
Open
Use watchdog function (insert C2).
JU5
Closed*
Disable watchdog function.
JU4
Open
Use RSTIN1 pad.
Closed*
Use R18 to set undervoltage threshold.
Use RSTIN2 pad.
Disable RSTIN2 undervoltage
comparator.
*
Default jumper state.
Table 6. Jumper Function Table



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com