Electronic Components Datasheet Search
  English  ▼

X  

DS2129 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # DS2129
Description  LVD SCSI 27-Line Regulator
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS2129 Datasheet(HTML) 3 Page - Maxim Integrated Products

  DS2129 Datasheet HTML 1Page - Maxim Integrated Products DS2129 Datasheet HTML 2Page - Maxim Integrated Products DS2129 Datasheet HTML 3Page - Maxim Integrated Products DS2129 Datasheet HTML 4Page - Maxim Integrated Products DS2129 Datasheet HTML 5Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
LVD SCSI 27-Line Regulator
_____________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(TERMPWR = 3.3V, TA = 0°C to +70°C, unless otherwise noted.) (Note 1)
Note 1: All voltages are referenced to ground.
Note 2: Guaranteed by design and not production tested.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
THERMAL SHUTDOWN
Thermal-Shutdown Threshold
(Note 2)
For increasing temperature
+150
°C
Thermal-Shutdown Hysteresis
(Note 2)
10
°C
DS2129
475
Ω
1%
475
Ω
1%
475
Ω
1%
475
Ω
1%
121
Ω
1%
121
Ω
1%
TERMPWR
DIFFSENSE
REG1
REG2
4.7
μF
4.7
μF
4.7
μF
TERMPWR
2.7V TO 5.25V
R1N
R1P
R27N
R27P
DIFFSENSE
R2N
R26P
Typical Operating Circuit



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com