Electronic Components Datasheet Search
  English  ▼

X  

DS87C550 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # DS87C550
Description  EPROM High-Speed Microcontroller with ADC and PWM
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS87C550 Datasheet(HTML) 1 Page - Maxim Integrated Products

  DS87C550 Datasheet HTML 1Page - Maxim Integrated Products DS87C550 Datasheet HTML 2Page - Maxim Integrated Products DS87C550 Datasheet HTML 3Page - Maxim Integrated Products DS87C550 Datasheet HTML 4Page - Maxim Integrated Products DS87C550 Datasheet HTML 5Page - Maxim Integrated Products DS87C550 Datasheet HTML 6Page - Maxim Integrated Products DS87C550 Datasheet HTML 7Page - Maxim Integrated Products DS87C550 Datasheet HTML 8Page - Maxim Integrated Products DS87C550 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 49 page
background image
1 of 49
REV: 070505
Note: Some revisions of this device may incorporate deviations from published specifications known as errata. Multiple revisions of any device
may be simultaneously available through various sales channels. For information about device errata, click here: www.maxim-ic.com/errata.
FEATURES
§ 87C52 Compatible
-
8051 pin and instruction set compatible
-
Three 16-bit timer/counters
-
256 bytes scratchpad RAM
§ On-Chip Memory
-
8kB EPROM (OTP & Windowed Packages)
-
1kB extra on-chip SRAM for MOVX access
§ On-Chip Analog-to-Digital Converter
-
Eight channels of analog input, 10-bit
resolution
-
Fast conversion time
§ Pulse-Width Modulator Outputs
-
Four channels of 8-bit PWM
-
Channels cascadable to 16-bit PWM
§ Four Capture plus Three Compare Registers
§ 55 I/O Port Pins
§ New Dual Data Pointer Operation
-
Either data pointer can be incremented or
decremented
§ ROMSIZE Feature
-
Sets effective on-chip ROM size from 0 - 8kB
-
Allows access to entire external memory map
-
Dynamically adjustable by software
§ High-Speed Architecture
-
4 clocks/machine cycle (8051 = 12)
-
Runs DC to 33MHz clock rates
-
Single-cycle instruction in 121ns
-
New Stretch Cycle feature allows access to
fast/slow memory or peripherals
§ Unique Power Savings Modes
§ EMI Reduction Mode Disables ALE if Not
Needed
§ High-Integration Controller Includes:
-
Power-fail reset
-
Early-warning power-fail interrupt
-
Two full-duplex hardware serial ports
-
Programmable watchdog timer
§ 16 Total Interrupt Sources with Six External
§ Available in 68-Pin PLCC, 80-Pin PQFP, and
68-Pin Windowed CLCC
The High-Speed Microcontroller User’s Guide and High-Speed
Microcontroller User’s Guide: DS87C550 Supplement must be used
in conjunction with this data sheet. Download them at
www.maxim-ic.com/user_guides.
PIN CONFIGURATIONS
DS87C550
EPROM High-Speed Microcontroller
with ADC and PWM
www.maxim-ic.com
9
1
61
27
43
10
26
60
44
PLCC, Windowed CLCC
DS87C550
1
24
64
41
40
25
65
80
DS87C550
PQFP
TOP VIEW


Similar Part No. - DS87C550

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS87C550 DALLAS-DS87C550 Datasheet
763Kb / 50P
EPROM High-Speed Micro with A/D and PWM
DS87C550-FCL DALLAS-DS87C550-FCL Datasheet
763Kb / 50P
EPROM High-Speed Micro with A/D and PWM
DS87C550-FNL DALLAS-DS87C550-FNL Datasheet
763Kb / 50P
EPROM High-Speed Micro with A/D and PWM
DS87C550-KCL DALLAS-DS87C550-KCL Datasheet
763Kb / 50P
EPROM High-Speed Micro with A/D and PWM
DS87C550-QCL DALLAS-DS87C550-QCL Datasheet
763Kb / 50P
EPROM High-Speed Micro with A/D and PWM
More results

Similar Description - DS87C550

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS87C550 DALLAS-DS87C550 Datasheet
763Kb / 50P
EPROM High-Speed Micro with A/D and PWM
logo
ATMEL Corporation
AT43USB351M ATMEL-AT43USB351M Datasheet
683Kb / 101P
Full-speed/Low-speed USB Microcontroller with ADC and PWM
AT43USB351M ATMEL-AT43USB351M_04 Datasheet
76Kb / 10P
Full-speed/ Low-speed USB Microcontroller with ADC and PWM
AT43USB353M ATMEL-AT43USB353M_03 Datasheet
59Kb / 5P
Low Cost USB Microcontroller with Hub, ADC and PWM
AT43USB355 ATMEL-AT43USB355_06 Datasheet
1Mb / 115P
Full-speed USB Microcontroller with Embedded Hub, ADC and PWM
AT43USB353M ATMEL-AT43USB353M_04 Datasheet
593Kb / 95P
Low Cost Full-speed USB Microcontroller with Embedded Hub, ADC and PWM
AT43USB355 ATMEL-AT43USB355_02 Datasheet
82Kb / 4P
Full speed USB Microcontroller with Embedded Hub, ADC and PWM
logo
Microchip Technology
DSPIC33FJ64GS606-IPT MICROCHIP-DSPIC33FJ64GS606-IPT Datasheet
3Mb / 456P
16-Bit Digital Signal Controllers with High-Speed PWM, ADC and Comparators
11/29/11
logo
Feeling Technology Corp...
FM8P73B FEELING-FM8P73B Datasheet
2Mb / 57P
EPROM-Based 8-Bit Microcontroller with 10 bit ADC
logo
SINOWEALTH Electronic L...
SH79F082 SINOWEALTH-SH79F082 Datasheet
2Mb / 92P
Enhanced 8051 Microcontroller with 10bit ADC and PWM
2.1 Jul. 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com