Electronic Components Datasheet Search
  English  ▼

X  

73S1217F Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # 73S1217F
Description  Bus-Powered 80515 System-on-Chip with USB, ISO 7816 / EMV, PINpad and More
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

73S1217F Datasheet(HTML) 4 Page - Maxim Integrated Products

  73S1217F Datasheet HTML 1Page - Maxim Integrated Products 73S1217F Datasheet HTML 2Page - Maxim Integrated Products 73S1217F Datasheet HTML 3Page - Maxim Integrated Products 73S1217F Datasheet HTML 4Page - Maxim Integrated Products 73S1217F Datasheet HTML 5Page - Maxim Integrated Products 73S1217F Datasheet HTML 6Page - Maxim Integrated Products 73S1217F Datasheet HTML 7Page - Maxim Integrated Products 73S1217F Datasheet HTML 8Page - Maxim Integrated Products 73S1217F Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 140 page
background image
73S1217F Data Sheet
DS_1217F_002
Figures
Figure 1: IC Functional Block Diagram ......................................................................................................... 7 
Figure 2: Memory Map ................................................................................................................................ 15 
Figure 3: Clock Generation and Control Circuits ........................................................................................ 23 
Figure 4: Oscillator Circuit........................................................................................................................... 25 
Figure 5: Detailed Power Management Logic Block Diagram .................................................................... 26 
Figure 6: Power-Down Control.................................................................................................................... 29 
Figure 7: Detail of Power-Down Interrupt Logic.......................................................................................... 30 
Figure 8: Power-Down Sequencing ............................................................................................................ 30 
Figure 9: External Interrupt Configuration................................................................................................... 35 
Figure 10: Real Time Clock Block Diagram................................................................................................ 54 
Figure 11: I
2C Write Mode Operation.......................................................................................................... 61 
Figure 12: I
2C Read Operation ................................................................................................................... 62 
Figure 13: Simplified Keypad Block Diagram ............................................................................................. 67 
Figure 14: Keypad Interface Flow Chart ..................................................................................................... 69 
Figure 15: USB Block Diagram ................................................................................................................... 75 
Figure 16: Smart Card Interface Block Diagram......................................................................................... 78 
Figure 17: Smart Card Interface Block Diagram......................................................................................... 79 
Figure 18: Asynchronous Activation Sequence Timing .............................................................................. 81 
Figure 19: Deactivation Sequence.............................................................................................................. 82 
Figure 20: Smart Card CLK and ETU Generation ...................................................................................... 83 
Figure 21: Guard, Block, Wait and ATR Time Definitions .......................................................................... 84 
Figure 22: Synchronous Activation ............................................................................................................. 86 
Figure 23: Example of Sync Mode Operation: Generating/Reading ATR Signals ..................................... 86 
Figure 24: Creation of Synchronous Clock Start/Stop Mode Start Bit in Sync Mode ................................. 87 
Figure 25: Creation of Synchronous Clock Start/Stop Mode Stop Bit in Sync Mode ................................. 87 
Figure 26: Operation of 9-bit Mode in Sync Mode ...................................................................................... 88 
Figure 27: 73S1217F Typical Application Schematic (Handheld USB PINpad, with Combo USB-
Bus and Self-powered Configuration) ..................................................................................... 114 
Figure 28: 73S1217F Typical Application Schematic (USB Transparent Reader and USB Key
Configuration).......................................................................................................................... 115 
Figure 29: 12 MHz Oscillator Circuit ......................................................................................................... 126 
Figure 30: 32KHz Oscillator Circuit........................................................................................................... 126 
Figure 31: Digital I/O Circuit...................................................................................................................... 127 
Figure 32: Digital Output Circuit................................................................................................................ 127 
Figure 33: Digital I/O with Pull Up Circuit.................................................................................................. 128 
Figure 34: Digital I/O with Pull Down Circuit ............................................................................................. 128 
Figure 35: Digital Input Circuit................................................................................................................... 129 
Figure 36: OFF_REQ Interface Circuit ..................................................................................................... 129 
Figure 37: Keypad Row Circuit ................................................................................................................. 130 
Figure 38: Keypad Column Circuit ............................................................................................................ 130 
Figure 39: LED Circuit............................................................................................................................... 131 
Figure 40: Test and Security Pin Circuit ................................................................................................... 131 
Figure 41: Analog Input Circuit ................................................................................................................. 132 
Figure 42: Smart Card Output Circuit ....................................................................................................... 132 
Figure 43: Smart Card I/O Circuit ............................................................................................................. 133 
Figure 44: PRES Input Circuit................................................................................................................... 133 
Figure 45: USB Circuit .............................................................................................................................. 134 
Figure 46: ON_OFF Input Circuit .............................................................................................................. 134 
Figure 47: 73S1217F Pinout ..................................................................................................................... 135 
Figure 48: 73S1217F 68 QFN Mechanical Drawing................................................................................. 136 
4
Rev. 1.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com