Electronic Components Datasheet Search
  English  ▼

X  

73S1209F Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # 73S1209F
Description  Self-Contained PINpad, Smart Card Reader IC UART to ISO7816 / EMV Bridge IC
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

73S1209F Datasheet(HTML) 4 Page - Maxim Integrated Products

  73S1209F Datasheet HTML 1Page - Maxim Integrated Products 73S1209F Datasheet HTML 2Page - Maxim Integrated Products 73S1209F Datasheet HTML 3Page - Maxim Integrated Products 73S1209F Datasheet HTML 4Page - Maxim Integrated Products 73S1209F Datasheet HTML 5Page - Maxim Integrated Products 73S1209F Datasheet HTML 6Page - Maxim Integrated Products 73S1209F Datasheet HTML 7Page - Maxim Integrated Products 73S1209F Datasheet HTML 8Page - Maxim Integrated Products 73S1209F Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 123 page
background image
73S1209F Data Sheet
DS_1209F_004
Figures
Figure 1: IC Functional Block Diagram ......................................................................................................... 7 
Figure 2: Memory Map ................................................................................................................................ 15 
Figure 3: Clock Generation and Control Circuits ........................................................................................ 24 
Figure 4: Oscillator Circuit........................................................................................................................... 26 
Figure 5: Power-Down Control.................................................................................................................... 27 
Figure 6: Detail of Power-Down Interrupt Logic .......................................................................................... 28 
Figure 7: Power-Down Sequencing ............................................................................................................ 28 
Figure 8: External Interrupt Configuration................................................................................................... 32 
Figure 9: I
2C Write Mode Operation........................................................................................................... 55 
Figure 10: I
2C Read Operation.................................................................................................................... 56 
Figure 11: Simplified Keypad Block Diagram.............................................................................................. 61 
Figure 12: Keypad Interface Flow Chart ..................................................................................................... 63 
Figure 13: Smart Card Interface Block Diagram......................................................................................... 68 
Figure 14: External Smart Card Interface Block Diagram........................................................................... 69 
Figure 15: Asynchronous Activation Sequence Timing .............................................................................. 72 
Figure 16: Deactivation Sequence.............................................................................................................. 72 
Figure 17: Smart Card CLK and ETU Generation ...................................................................................... 73 
Figure 18: Guard, Block, Wait and ATR Time Definitions........................................................................... 74 
Figure 19: Synchronous Activation ............................................................................................................. 76 
Figure 20: Example of Sync Mode Operation: Generating/Reading ATR Signals ..................................... 76 
Figure 21: Creation of Synchronous Clock Start/Stop Mode Start Bit in Sync Mode ................................. 77 
Figure 22: Creation of Synchronous Clock Start/Stop Mode Stop Bit in Sync Mode ................................. 77 
Figure 23: Operation of 9-bit Mode in Sync Mode ...................................................................................... 78 
Figure 24: 73S1209F Typical PINpad, Smart Card Reader Application Schematic................................. 103 
Figure 25: 73S1209F Typical SIM / Smart Card Reader Application Schematic ..................................... 104 
Figure 26: 12 MHz Oscillator Circuit ......................................................................................................... 110 
Figure 27: Digital I/O Circuit ...................................................................................................................... 110 
Figure 28: Digital Output Circuit ................................................................................................................ 111 
Figure 29: Digital I/O with Pull Up Circuit.................................................................................................. 111 
Figure 30: Digital I/O with Pull Down Circuit ............................................................................................. 112 
Figure 31: Digital Input Circuit................................................................................................................... 112 
Figure 32: Keypad Row Circuit ................................................................................................................. 113 
Figure 33: Keypad Column Circuit ............................................................................................................ 113 
Figure 34: LED Circuit............................................................................................................................... 114 
Figure 35: Test and Security Pin Circuit ................................................................................................... 114 
Figure 36: Analog Input Circuit.................................................................................................................. 115 
Figure 37: Smart Card Output Circuit ....................................................................................................... 115 
Figure 38: Smart Card I/O Circuit.............................................................................................................. 116 
Figure 39: PRES Input Circuit ................................................................................................................... 116 
Figure 40:
PRES Input Circuit ................................................................................................................... 116 
Figure 41: 73S1209F Pinout ..................................................................................................................... 117 
Figure 42: 73S1209F Pinout ..................................................................................................................... 118 
Figure 43: 73S1209F 68 QFN Pinout ....................................................................................................... 119 
Figure 44: 73S1209F 44 QFN Pinout ....................................................................................................... 120 
4
Rev. 1.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com