Electronic Components Datasheet Search
  English  ▼

X  

IC3410 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # IC3410
Description  10-bit digital to analogue converter IC 3410
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

IC3410 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  IC3410 Datasheet HTML 1Page - List of Unclassifed Manufacturers IC3410 Datasheet HTML 2Page - List of Unclassifed Manufacturers IC3410 Datasheet HTML 3Page - List of Unclassifed Manufacturers IC3410 Datasheet HTML 4Page - List of Unclassifed Manufacturers IC3410 Datasheet HTML 5Page - List of Unclassifed Manufacturers IC3410 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
006-109
2
Electrical characteristics V
CC = +5.0V dc, VEE = -15V dc,
V
REF = 2.0mA, all digital inputs at high logic level
R16
T
A = 0° to +70°C, unless otherwise noted.
Symbol and parameter
Test conditions
Min
Typ
Max
Unit
E
r
Relative accuracy
T
A = 25°C
±0.05
%
(Error relative to full scale I
O)
1/4
LSB
TCE
r
Relative accuracy drift
2.5
p.p.m./°C
(Relative to full scale I
O)
Monotonicity
Over temperature
10
Bits
Settling time to within
T
A = 25°C
250
ns
t
S
± 1/2 LSB (all bits low to high)
t
PLH
Propagation delay time
T
A = 25°C
35
ns
t
PHL
20
TCI
O
Output full scale current drift
60
p.p.m./°C
Digital input logic levels
(All bits)
V
IH
High level, logic '1'
2.0
Vdc
Low level, logic '0'
0.8
Digital input current (All bits)
I
IH
High level, V
IH = 5.5V
+0.4
mA
I
IL
Low level, V
IL = 0.8V
-0.05
-0.4
Reference input bias current
I
REF(15)
(Pin 15)
-1.0
-5.0
µA
I
OR
Output current range
4.0
5.0
mA
I
OH
Output current (All bits high)
V
REF = 2.000V,
3.8
3.996
4.2
mA
R
16 = 1000Ω
I
OL
Output current (All bits low)
T
A = 25°C
0
2.0
µA
V
O
Output voltage compliance
T
A = 25°C
-2.5
Vdc
+0.2
SR I
REF
Reference amplifier slew rate
20
mA/µs
ST I
REF
Reference amplifier settling time
0 to 4.0mA, ± 0.1%
2.0
µs
Output current power supply
PSRR(-)
sensitivity
0.003
0.01
%/%
C
O
Output capacitance
V
O = 0
25
pF
Digital input capacitance
C
I
(All bits high)
4.0
pF
I
CC
Power supply current
+18
I
EE
(All bits low)
-11.4
-20
mA
V
CC
+4.75
+5.0
+5.25
V
EE
Power supply voltage range
T
A = 25°C
-14.25
-15
-15.75
Vdc
Power consumption
(All bits low)
220
380
mW
(All bits high)
200



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com