Electronic Components Datasheet Search
  English  ▼

X  

LM4928TL Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4928TL
Description  1.2 Watt Stereo Fully Differential Audio Amplifier with RF Suppression and Shutdown Low
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4928TL Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button LM4928TL Datasheet HTML 8Page - National Semiconductor (TI) LM4928TL Datasheet HTML 9Page - National Semiconductor (TI) LM4928TL Datasheet HTML 10Page - National Semiconductor (TI) LM4928TL Datasheet HTML 11Page - National Semiconductor (TI) LM4928TL Datasheet HTML 12Page - National Semiconductor (TI) LM4928TL Datasheet HTML 13Page - National Semiconductor (TI) LM4928TL Datasheet HTML 14Page - National Semiconductor (TI) LM4928TL Datasheet HTML 15Page - National Semiconductor (TI) LM4928TL Datasheet HTML 16Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
Application Information
DIFFERENTIAL AMPLIFIER EXPLANATION
The LM4928 is a fully differential audio amplifier that fea-
tures differential input and output stages. Internally this is
accomplished by two circuits: a differential amplifier and a
common mode feedback amplifier that adjusts the output
voltages so that the average value remains V
DD / 2. When
setting the differential gain, the amplifier can be considered
to have "halves". Each half uses an input and feedback
resistor (R
i1 and RF1) to set its respective closed-loop gain
(see Figure 1). With R
i1 =Ri2 and RF1 =RF2, the gain is set
at -R
F /Ri for each half per channel. This results in a
differential gain of
A
VD =-RF/Ri
(1)
It is extremely important to match the input resistors to each
other, as well as the feedback resistors to each other for best
amplifier performance. See the Proper Selection of Exter-
nal Components section for more information. A differential
amplifier works in a manner where the difference between
the two input signals is amplified. In most applications, this
would require input signals that are 180˚ out of phase with
each other. The LM4928 can be used, however, as a single
ended input amplifier while still retaining its fully differential
benefits. In fact, completely unrelated signals may be placed
on the input pins. The LM4928 simply amplifies the differ-
ence between them.
All of these applications provide what is known as a "bridged
mode" output (bridge-tied-load, BTL). This results in output
signals at V
o1 and Vo2 that are 180˚ out of phase with
respect to each other. Bridged mode operation is different
from the single-ended amplifier configuration that connects
the load between the amplifier output and ground. A bridged
amplifier design has distinct advantages over the single-
ended configuration: it provides differential drive to the load,
thus doubling maximum possible output swing for a specific
supply voltage. Four times the output power is possible
compared with a single-ended amplifier under the same
conditions. This increase in attainable output power as-
sumes that the amplifier is not current limited or clipped. In
order to choose an amplifier’s closed-loop gain without caus-
ing excess clipping, please refer to the Audio Power Am-
plifier Design section.
A bridged configuration, such as the one used in the
LM4928, also creates a second advantage over single-
ended amplifiers. Since the differential outputs, V
o1 and Vo2,
are biased at half-supply, no net DC voltage exists across
the load. This assumes that the input resistor pair and the
feedback resistor pair are properly matched (see Proper
Selection of External Components). BTL configuration
eliminates the output coupling capacitor required in single-
supply, single-ended amplifier configurations. If an output
coupling capacitor is not used in a single-ended output con-
figuration, the half-supply bias across the load would result
in both increased internal IC power dissipation as well as
permanent loudspeaker damage. Further advantages of
bridged mode operation specific to fully differential amplifiers
like the LM4928 include increased power supply rejection
ratio, common-mode noise reduction, and click and pop
reduction.
EXPOSED-DAP PACKAGE PCB MOUNTING
CONSIDERATIONS
The LM4928’s exposed-DAP (die attach paddle) package
(LLP) provide a low thermal resistance between the die and
the PCB to which the part is mounted and soldered. This
allows rapid heat transfer from the die to the surrounding
PCB copper traces, ground plane and, finally, surrounding
air. Failing to optimize thermal design may compromise the
LM4928’s high power performance and activate unwanted,
though necessary, thermal shutdown protection. The LLP
package must have its DAP soldered to a copper pad on the
PCB. The DAP’s PCB copper pad is connected to a large
plane of continuous unbroken copper. This plane forms a
thermal mass and heat sink and radiation area. Place the
heat sink area on either outside plane in the case of a
two-sided PCB, or on an inner layer of a board with more
than two layers. Connect the DAP copper pad to the inner
layer or backside copper heat sink area with at least 4 vias
thermal via. The via diameter should be 0.012in - 0.013in.
Ensure efficient thermal conductivity by plating-through and
solder-filling the vias.
Best thermal performance is achieved with the largest prac-
tical copper heat sink area. In all circumstances and condi-
tions, the junction temperature must be held below 150˚C to
prevent activating the LM4928’s thermal shutdown protec-
tion. The LM4928’s power de-rating curve in the Typical
Performance Characteristics shows the maximum power
dissipation versus temperature. Example PCB layouts are
shown in the Demonstration Board Layout section. Further
detailed and specific information concerning PCB layout,
fabrication, and mounting an LLP package is available from
National Semiconductor’s package Engineering Group un-
der application note AN1187.
PCB LAYOUT AND SUPPLY REGULATION
CONSIDERATIONS FOR DRIVING 4
Ω LOADS
Power dissipated by a load is a function of the voltage swing
across the load and the load’s impedance. As load imped-
ance decreases, load dissipation becomes increasingly de-
pendent on the interconnect (PCB trace and wire) resistance
between the amplifier output pins and the load’s connec-
tions. Residual trace resistance causes a voltage drop,
which results in power dissipated in the trace and not in the
load as desired. This problem of decreased load dissipation
is exacerbated as load impedance decreases. Therefore, to
maintain the highest load dissipation and widest output volt-
age swing, PCB traces that connect the output pins to a load
must be as wide as possible.
Poor power supply regulation adversely affects maximum
output power. A poorly regulated supply’s output voltage
decreases with increasing load current. Reduced supply
voltage causes decreased headroom, output signal clipping,
and reduced output power. Even with tightly regulated sup-
plies, trace resistance creates the same effects as poor
supply regulation. Therefore, making the power supply
traces as wide as possible helps maintain full output voltage
swing.
POWER DISSIPATION
Power dissipation is a major concern when designing a
successful amplifer, whether the amplifier is bridged or
single-ended. Equation 2 states the maximum power dissi-
pation point for a single-ended amplifier operating at a given
supply voltage and driving a specified output load.
www.national.com
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com