Electronic Components Datasheet Search
  English  ▼

X  

0680L Datasheet(PDF) 4 Page - Bel Fuse Inc.

Part # 0680L
Description  Square Ceramic Surface Mount Slow Blow Fuse
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

0680L Datasheet(HTML) 4 Page - Bel Fuse Inc.

  0680L Datasheet HTML 1Page - Bel Fuse Inc. 0680L Datasheet HTML 2Page - Bel Fuse Inc. 0680L Datasheet HTML 3Page - Bel Fuse Inc. 0680L Datasheet HTML 4Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Type 0680L
4 / 4
Bel Fuse Inc.
206 Van Vorst Street
Jersey City, NJ 07302 USA
+1 201.432.0463
Bel.US.CS@belf.com
belfuse.com/circuit-protection
© 2020 Bel Fuse, Inc.
Rev. 0680L Jul2020
Fuse FGNO Explanation
0680 L [XXXX] -XX
0680L=0680L; [XXXX]=Ampere Rating; XX=See Ordering Information as below
Fraction
Decimal
Milliamps
Bel FGNO[XXXX]
Fraction
Decimal
Amps
Bel FGNO[XXXX]
3/8
0.375
375
0375
1.0
1
1000
1/2
.500
500
0500
1-1/2
1.5
1.5
1500
.630
630
0630
2.0
2
2000
3/4
.750
750
0750
2-1/2
2.5
2.5
2500
3.0
3
3000
3-1/2
3.5
3.5
3500
4.0
4
4000
5.0
5
5000
6.3
6.3
6300
7.0
7
7000
8.0
8
8000
10
9100
12
9120
Mechanical Dimensions
Ordering Information
Packaging
Packaging Tape & Reel
Packaging Specification
Quantity
Quantity & Packaging Code
12 mm wide tape with 13 inches Diameter reel
EIA Standard 481-E
5000
5
12 mm wide tape with 7 inches Diameter reel
EIA Standard 481-E
1000
1
Specifications subject to change without notice



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com