Electronic Components Datasheet Search
  English  ▼

X  

PE4271 Datasheet(PDF) 2 Page - Peregrine Semiconductor Corp.

Part # PE4271
Description  SPST CATV UltraCMOS??Switch DC - 3000 MHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.

PE4271 Datasheet(HTML) 2 Page - Peregrine Semiconductor Corp.

  PE4271 Datasheet HTML 1Page - Peregrine Semiconductor Corp. PE4271 Datasheet HTML 2Page - Peregrine Semiconductor Corp. PE4271 Datasheet HTML 3Page - Peregrine Semiconductor Corp. PE4271 Datasheet HTML 4Page - Peregrine Semiconductor Corp. PE4271 Datasheet HTML 5Page - Peregrine Semiconductor Corp. PE4271 Datasheet HTML 6Page - Peregrine Semiconductor Corp. PE4271 Datasheet HTML 7Page - Peregrine Semiconductor Corp. PE4271 Datasheet HTML 8Page - Peregrine Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Product Specification
PE4271
Page 2 of 8
©2005 Peregrine Semiconductor Corp. All rights reserved.
Document No. 70-0149-03
│ UltraCMOS™ RFIC Solutions
Notes: 1. Both RF pins must be held at 0 VDC or require external DC
blocking capacitors
2. The exposed pad must be soldered to the ground plane for
proper switch performance.
Table 2. Pin Descriptions
Table 3. Absolute Maximum Ratings
Electrostatic Discharge (ESD) Precautions
When handling this UltraCMOS™ device, observe
the same precautions that you would use with other
ESD-sensitive devices. Although this device
contains circuitry to protect it from damage due to
ESD, precautions should be taken to avoid
exceeding the rating specified in Table 3.
Latch-Up Avoidance
Unlike conventional CMOS devices, UltraCMOS™
devices are immune to latch-up.
Table 4. DC Electrical Specifications
Figure 3. Pin Configuration
Table 5. Control Logic Truth Table
Exposed
Solder Pad
(bottom side)
V
DD
GND
RF1
RF2
GND
CTRL
4
5
6
3
2
1
Device Description
The PE4271 high isolation SPST CATV Switch is
designed to support CATV applications such as
premium channel service connect/disconnect switch
blocks. This function is typically performed by bulky
and expensive mechanical switches. The high
isolation characteristics (60 dB at 1 GHz, 85 dB at
5 MHz), high compression point, and an integrated
75
Ω (0.25 watt) input termination make the PE4271
an ideal, low cost solution.
The control logic input pin (CTRL) is typically driven
by a 3-volt CMOS logic level signal, and has a
threshold of 50% of VDD. For flexibility to support
systems that have 5-volt control logic drivers, the
control logic input has been designed to handle a 5-
volt logic HIGH signal. (A minimal current will be
sourced out of the VDD pin when the control logic
input voltage level exceeds VDD.)
Notes: 1.
CTRL accepts both CMOS and TTL voltage leads.
Absolute Maximum Ratings are those values listed
in the above table. Exceeding these values may
cause permanent device damage. Functional
operation should be restricted to the limits in the DC
Electrical Specifications table. Exposure to absolute
maximum ratings for extended periods may affect
device reliability.
Pin
No.
Pin
Name
Description
1
VDD
Nominal 3V supply connection.
2
GND
Ground connection. 2
3
RF1
RF port.
1
4
CTRL
CMOS or TTL logic level:
High = RF1 to RF2 signal path
Low = RF1 isolated from RF2
5
GND
Ground connection. 3
6
RF2
RF port.
1
Symbol
Parameter/Condition
Min
Max
Unit
VDD
Power supply voltage
-0.3
4.0
V
VI
Voltage on CTRL input
-0.3
5.5
V
TST
Storage temperature
-65
150
°C
TOP
Operating temperature
-40
85
°C
PIN
Input power (50Ω),
CTRL=1/CTRL=0
33/24
dBm
VESD
ESD voltage
(Human Body Model)
500
V
Parameter
Min
Typ
Max
Unit
VDD Power Supply
2.7
3.0
3.3
V
IDD Power Supply Current
(VDD = 3V, VCTRL = 3V)
8
20
µA
Control Voltage High
0.7xVDD
5
V
Control Voltage Low
0
0.3xVDD
V
Control Voltage (CTRL)
Signal Path (RF1 to RF2)
High1
ON
Low
OFF
2-way
Splitter
Premium
Channel
Filter
PE4271
PE4271
CATVin
CATVout
Figure 4. Typical Application Block Diagram



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com