Electronic Components Datasheet Search
  English  ▼

X  

P0640SA Datasheet(PDF) 3 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # P0640SA
Description  Thyristor Surge Suppressors
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

P0640SA Datasheet(HTML) 3 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  P0640SA Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd P0640SA Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd P0640SA Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd P0640SA Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd P0640SA Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd P0640SA Datasheet HTML 6Page - Shanghai Leiditech Electronic Technology Co., Ltd P0640SA Datasheet HTML 7Page - Shanghai Leiditech Electronic Technology Co., Ltd P0640SA Datasheet HTML 8Page - Shanghai Leiditech Electronic Technology Co., Ltd P0640SA Datasheet HTML 9Page - Shanghai Leiditech Electronic Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Thyristor Surge Suppressors
P0060~P3500SA_B_C Series
Series
IPP
ITSM
50/60 Hz
di/dt
2x10 µs
8x20 µs
10x160 µs
10x560 µs
10x1000 µs
A min
A/μs max
A min
A min
A min
A min
A min
A
150
150
90
50
45
20
500
B
250
250
150
100
80
30
500
C
500
400
200
150
100
50
500
Surge Ratings
PackageSymbolParameter
ValueUnit
DO-214AA
T
J
Operating Junction Temperature Range
°C
T
S
Storage Temperature Range
°C
R
0JA
Thermal Resistance: Junction to Ambient
90
°C/W
Thermal Considerations
Notes:
1 Current waveform in µs
2 Voltage waveform in µs
- Peak pulse current rating (I
PP) is repetitive and guaranteed for the life of the product.
- I
PP
- The device must initially be in thermal equilibrium with -40°C < T
J <
-8
-40-20 020406080100 120140 160
-6
-4
0
2
4
6
8
10
12
14
JunctionTemperature (T J) – °C
25 °C
25°C
CaseTemperature (T
C) - ºC
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
-40-20
020406080100 120140 160
Normalized V
S Change vs. Junction Temperature
Normalized DC Holding Current vs. Case Temperature
IH
IT
IS
IDRM
VDRM
VT
+V
-V
+I
-I
VS
50
100
0
tr
td
0
Peak
Value
Half Value
t – Time (µs)
tr = rise time to peak v alue
td = decay time to half value
Waveform = tr x td
V-I Characteristics
t
r x t d Pulse Waveform
Rev :
www.leiditech.com
01.06.2018
3/10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com