Electronic Components Datasheet Search
  English  ▼

X  

P1100SA Datasheet(PDF) 4 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # P1100SA
Description  Thyristor Surge Suppressors
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

P1100SA Datasheet(HTML) 4 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  P1100SA Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd P1100SA Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd P1100SA Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd P1100SA Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd P1100SA Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd P1100SA Datasheet HTML 6Page - Shanghai Leiditech Electronic Technology Co., Ltd P1100SA Datasheet HTML 7Page - Shanghai Leiditech Electronic Technology Co., Ltd P1100SA Datasheet HTML 8Page - Shanghai Leiditech Electronic Technology Co., Ltd P1100SA Datasheet HTML 9Page - Shanghai Leiditech Electronic Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Thyristor Surge Suppressors
P0060~P3500SA_B_C Series
Figure 1.E
xamples of protection stages for line cards
In such a stage, parallel function is assumed by one or several Trisil, and is used to protect
against short duration surge (lightning). During this kind of surges the Trisil limits the voltage
across the device to be protected at its break over value and then fires. The fuse assumes
the series function, and is used to protect the module against long duration or very high
current mains disturbances (50/60Hz). It acts by safe circuit opening. Lightning surge and
mains disturbance surges are defined by standards like GR1089, FCC part 68, ITU-T K20.
Figure 2. Typical circuits
Line
Ring
relay
Line
l
a
n
i
m
r
e
t
r
o
d
r
a
c
e
n
il
L
S
D
x
.
x
E
d
r
a
c
e
n
il
g
o
l
a
n
A
.
x
E
Fuse TCP 1.25A
T1
T2
Typical circuit for subscriber side
Fuse TCP 1.25A
Tip S
Gnd
Ring S
Fuse TCP 1.25A
Tip L
Gnd
Ring L
Typical circuit for central office side
Rev :
www.leiditech.com
01.06.2018
4/10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com