Electronic Components Datasheet Search
  English  ▼

X  

SD12CL Datasheet(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # SD12CL
Description  TVS Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

SD12CL Datasheet(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  SD12CL Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd SD12CL Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd SD12CL Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Features
●
●
●
●
Applications
●
●
●
●
TVS Diode
●
●
SD12CL
Mechanical Characteristics
●
Package: SOD-323
●
Quantity Per Reel:3,000pcs
●
Reel Size:7 inch
Absolute Maximum Ratings(Tamb=25°C unless otherwise specified)
Parameter
Symbol
Value
Unit
Peak Pulse Power (8/20µs)
Ppp
150
W
ESD per IEC 61000−4−2 (Air)
VESD
±30
Kv
ESD per IEC 61000−4−2 (Contact)
±30
Operating Temperature Range
TJ
-55 to +125
℃
Storage Temperature Range
TSTJ
-55 to +150
℃
Rev :
www.leiditech.com
01.04.2021
1/3
Device Marking: 6/9
●
Dimensions SOD-323
Pin Configuration
150 Watts peak pulse power (tp = 8/20μs)
Transient protection for high speed data lines to
IEC 61000-4-2 (ESD) ±30kV (air), ±30kV (contact)
IEC 61000-4-4 (EFT) 40A(5/50ns)
Protects One Power or I/O Port
Low leakage current
Low operating and clamping voltages
Solid-state silicon avalanchetechnology
Cell Phone Handsets andAccessories
Microprocessor based equipment
Portable Instrumentation
Personal Digital Assistant(PDA)


Similar Part No. - SD12CL

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SD12C SEMTECH-SD12C Datasheet
143Kb / 7P
Single Line TVS Diode for ESD Protection in Portable Electronics?
logo
Shanghai Leiditech Elec...
SD12C LEIDITECH-SD12C Datasheet
125Kb / 3P
Set-top box and digital TV
logo
Shanghai Semitech Semic...
SD12C SEMITECH-SD12C Datasheet
126Kb / 3P
Unidirectional Configurations
logo
Galaxy Semi-Conductor H...
SD12C BILIN-SD12C Datasheet
211Kb / 5P
Single Line TVS Diode for ESD
Rev.A 6100-4-2
logo
Thinki Semiconductor Co...
SD12C THINKISEMI-SD12C Datasheet
903Kb / 5P
350W Discrete Bi-directional Surface Mount TVS Diode for ESD
More results

Similar Description - SD12CL

ManufacturerPart #DatasheetDescription
logo
AUK corp
SDT05J AUK-SDT05J Datasheet
70Kb / 3P
TVS Diode
SDT05SF AUK-SDT05SF Datasheet
168Kb / 3P
TVS Diode
SDT05SF AUK-SDT05SF_1 Datasheet
230Kb / 4P
TVS Diode
SDT12SF AUK-SDT12SF_1 Datasheet
55Kb / 3P
TVS Diode
logo
Torex Semiconductor
XBP1012 TOREX-XBP1012_12 Datasheet
204Kb / 5P
TVS Diode
XBP1010-12 TOREX-XBP1010-12 Datasheet
189Kb / 5P
TVS Diode
XBP1012-12 TOREX-XBP1012-12 Datasheet
204Kb / 5P
TVS Diode
logo
KODENSHI_AUK CORP.
SDT05H KODENSHI-SDT05H Datasheet
174Kb / 4P
TVS Diode
logo
Torex Semiconductor
XBP1010 TOREX-XBP1010 Datasheet
189Kb / 5P
TVS Diode
XBP1011 TOREX-XBP1011 Datasheet
187Kb / 5P
TVS Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com