Electronic Components Datasheet Search
  English  ▼

X  

SM1K5CF Datasheet(PDF) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # SM1K5CF
Description  Transient Voltage Suppressor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

SM1K5CF Datasheet(HTML) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  SM1K5CF Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd SM1K5CF Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd SM1K5CF Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd SM1K5CF Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd SM1K5CF Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
ELECTRICAL CHARACTERISTICS(TA=25℃)
Part Number
Marking
Code
VR
IR@VR
VBR@IT
IT
VC@VPP①
VPP
①
Bi-Polar
V
μA
min(V)
max(V)
mA
max(V)
V
SM1K5CF
1K5CF
5.0
300
6.40
7.10
10
20
2000
SM1K6CF
1K6CF
6.0
250
6.50
7.40
10
20
2000
SM1K6VCF
1K6VF
6.5
150
7.20
8.00
10
22
2000
SM1K7CF
1K7CF
7.0
100
7.70
8.60
10
22
2000
SM1K15CF
1K15CF
15
1
16.7
18.5
1
32
2000
SM1K16CF
1K16CF
16
1
17.8
19.7
1
34
2000
SM1K18CF
1K18CF
18
1
20.0
22.3
1
37
2000
SM1K20CF
1K20CF
20
1
22.0
24.5
1
40
2000
SM1K30CF
1K30CF
30
1
32.0
37.0
1
65
2000
SM1K33CF
1K33CF
33
1
36.0
41.0
1
70
2000
SM1K40CF
1K40CF
40
1
44.0
49.1
1
75
2000
①
Surge waveform: 1.2/50μs-8/20μs@2Ω
VR: Stand-off voltage -- Maximum voltage that can be applied
VBR: Breakdown voltage
VC: Clamping voltage -- Peak voltage measured across the suppressor at a specified VPP
IR: Reverse leakage current
ORDERING INFORMATION 
 
SM1KxxCF Series Transient Voltage Suppressor
Rev :
www.leiditech.com
01.06.2018
2/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com