Electronic Components Datasheet Search
  English  ▼

X  

4270-51 Datasheet(PDF) 7 Page - Integrated Circuit Systems

Part # 4270-51
Description  SPST CATV UltraCMOS??Switch DC - 3000 MHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

4270-51 Datasheet(HTML) 7 Page - Integrated Circuit Systems

  4270-51 Datasheet HTML 1Page - Integrated Circuit Systems 4270-51 Datasheet HTML 2Page - Integrated Circuit Systems 4270-51 Datasheet HTML 3Page - Integrated Circuit Systems 4270-51 Datasheet HTML 4Page - Integrated Circuit Systems 4270-51 Datasheet HTML 5Page - Integrated Circuit Systems 4270-51 Datasheet HTML 6Page - Integrated Circuit Systems 4270-51 Datasheet HTML 7Page - Integrated Circuit Systems 4270-51 Datasheet HTML 8Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Product Specification
PE4270
Page 7 of 8
©2005 Peregrine Semiconductor Corp. All rights reserved.
Document No. 70-0148-03
│ www.psemi.com
Table 6. Dimensions
Dimension
DFN 3x3 mm
Ao
3.23 ± 0.1
Bo
3.17 ± 0.1
Ko
1.37 ± 0.1
P
4 ± 0.1
W
8 +0.3, -0.1
T
0.254 ± 0.02
R7 Quantity
3000
R13 Quantity
N.A.
Note: R7 = 7 inch Lock Reel, R13 = 13 inch Lock Reel
6-lead DFN
Table 7. Ordering Information
Order Code
Part Marking
Description
Package
Shipping Method
4270-01
4270
PE4270-06DFN 3x3mm-12800F
6-lead 3x3 mm DFN
12800 units / Canister
4270-02
4270
PE4270-06DFN 3x3mm-3000C
6-lead 3x3 mm DFN
3000 units / T&R
4270-00
PE4270-EK
PE4270-06DFN 3x3mm-EK
Evaluation Kit
1 / Box
4270-51
4270
PE4270G-06DFN 3x3mm-12800F
Green 6-lead 3x3 mm DFN
12800 units / Canister
4270-52
4270
PE4270G-06DFN 3x3mm-3000C
Green 6-lead 3x3 mm DFN
3000 units / T&R
Figure 14. Tape and Reel Specifications



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com