Electronic Components Datasheet Search
  English  ▼

X  

10165 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 10165
Description  Pneumatic valve
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

10165 Datasheet(HTML) 1 Page - Festo Corporation.

  10165 Datasheet HTML 1Page - Festo Corporation. 10165 Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Pneumatic valve
JH-5-1/2
Part number: 10165
Data sheet
Feature
Value
Valve function
5/2, bistable
Actuation type
Pneumatic
Width
52 mm
Standard nominal flow rate
4500 l/min
Pneumatic working port
G1/2
Operating pressure
0 MPa ... 1 MPa
Operating pressure
0 bar ... 10 bar
Structural design
Plate seat
Nominal width
14 mm
Width dimension
69 mm
Type code
JH
Exhaust air function
With flow control option
Sealing principle
Soft
Mounting position
Any
Manual override
Detenting
Type of control
Direct
Pilot air supply port
External
Flow direction
Non-reversible
Symbol
00995757
Lap
Underlap
Pilot pressure MPa
0.12 MPa ... 1 MPa
Pilot pressure
1.2 bar ... 10 bar
b-value
0.3
Max. switching frequency
12 Hz
Changeover time
3 ms
Operating medium
Compressed air as per ISO 8573-1:2010 [7:4:4]
Information on operating and pilot media
Operation with oil lubrication possible (required for further use)
Corrosion resistance class (CRC)
1 - Low corrosion stress
Storage temperature
-20 °C ... 60 °C
Temperature of medium
-10 °C ... 60 °C
Pilot medium
Compressed air as per ISO 8573-1:2010 [7:4:4]
Ambient temperature
-10 °C ... 60 °C
Product weight
1130 g
Type of mounting
Optionally:
On terminal strip
With through-hole
10/19/21 - Subject to change - Festo AG & Co. KG
1/2


Similar Part No. - 10165

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
10165 PHILIPS-10165 Datasheet
222Kb / 5P
8-Input Priority Encoder
June 14 1990
logo
Heyco.
10165 HEYCO-10165 Datasheet
115Kb / 1P
Nylon PCB Supports - Imperial Spacing
logo
Lapp.
10165000 LAPP-10165000 Datasheet
126Kb / 2P
EPIC® H-B 48 SG
01.04.2022
logo
PHOENIX CONTACT
1016507 PHOENIX-1016507 Datasheet
53Kb / 2P
Instruction label - PML-W501 (100X48)R WH-RD
1016508 PHOENIX-1016508 Datasheet
52Kb / 2P
Instruction label - PML-W501 (100X65)R WH-RD
More results

Similar Description - 10165

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
VUWG-L10-B52-M5 FESTO-VUWG-L10-B52-M5 Datasheet
90Kb / 2P
Pneumatic valve
VUWG-L10-M52-R-M5 FESTO-VUWG-L10-M52-R-M5 Datasheet
87Kb / 2P
Pneumatic valve
VUWG-L10A-B52-M3 FESTO-VUWG-L10A-B52-M3 Datasheet
88Kb / 2P
Pneumatic valve
VUWG-L10A-M52-M-M3 FESTO-VUWG-L10A-M52-M-M3 Datasheet
89Kb / 2P
Pneumatic valve
VUWG-L10A-P53E-M3 FESTO-VUWG-L10A-P53E-M3 Datasheet
89Kb / 2P
Pneumatic valve
VUWG-L10-T32C-A-M7 FESTO-VUWG-L10-T32C-A-M7 Datasheet
92Kb / 2P
Pneumatic valve
VOFC-L-B52-G14-F19A FESTO-VOFC-L-B52-G14-F19A Datasheet
97Kb / 2P
Pneumatic valve
VOFC-LT-M32C-MC-FG13-F19A FESTO-VOFC-LT-M32C-MC-FG13-F19A Datasheet
98Kb / 2P
Pneumatic valve
VOFC-LT-M32C-MC-G14-F19 FESTO-VOFC-LT-M32C-MC-G14-F19 Datasheet
89Kb / 2P
Pneumatic valve
VOFC-LT-M32C-MC-G14-F19A FESTO-VOFC-LT-M32C-MC-G14-F19A Datasheet
89Kb / 2P
Pneumatic valve
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com