Electronic Components Datasheet Search
  English  ▼

X  

10409 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 10409
Description  Pneumatic valve
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

10409 Datasheet(HTML) 1 Page - Festo Corporation.

  10409 Datasheet HTML 1Page - Festo Corporation. 10409 Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Pneumatic valve
JDH-5-1/4
Part number: 10409
Data sheet
Feature
Value
Valve function
5/2, bistable, dominant
Actuation type
Pneumatic
Width
30.5 mm
Standard nominal flow rate
1100 l/min
Pneumatic working port
G1/4
Operating pressure
0 MPa ... 0.8 MPa
Operating pressure
0 bar ... 8 bar
Structural design
Plate seat
Degree of protection
IP65
Nominal width
7 mm
Width dimension
32 mm
Type code
JDH
Exhaust air function
With flow control option
Sealing principle
Soft
Mounting position
Any
Type of control
Direct
Pilot air supply port
External
Flow direction
Non-reversible
Symbol
00995764
Lap
Underlap
Pilot pressure MPa
0.23 MPa ... 1 MPa
Pilot pressure
2.3 bar ... 10 bar
Max. switching frequency
12 Hz
Changeover time
12 ms
Operating medium
Compressed air as per ISO 8573-1:2010 [7:4:4]
Information on operating and pilot media
Operation with oil lubrication possible (required for further use)
Corrosion resistance class (CRC)
1 - Low corrosion stress
Storage temperature
-20 °C ... 60 °C
Temperature of medium
-10 °C ... 60 °C
Ambient temperature
-10 °C ... 60 °C
Product weight
330 g
Type of mounting
Optionally:
On terminal strip
With through-hole
Pilot air port 12
G1/8
Pilot air port 14
G1/8
10/19/21 - Subject to change - Festo AG & Co. KG
1/2


Similar Part No. - 10409

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
10409 ETC2-10409 Datasheet
510Kb / 7P
Statguard Conductive Acrylic Paint Application Instructions
10409 ETC2-10409 Datasheet
254Kb / 3P
Smooth, high torque, roller ratchet handle
logo
Heyco.
10409 HEYCO-10409 Datasheet
121Kb / 1P
Nylon PCB Supports - Reverse Locking
logo
SICK AG
1040900 SICK-1040900 Datasheet
1Mb / 6P
INDUCTIVE PROXIMITY SENSORS
logo
Weidmuller
1040910000 WEIDMULLER-1040910000 Datasheet
263Kb / 4P
SCDN 3.81/24/90G 3.2SN BK BX
More results

Similar Description - 10409

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
VUWG-L10-B52-M5 FESTO-VUWG-L10-B52-M5 Datasheet
90Kb / 2P
Pneumatic valve
VUWG-L10-M52-R-M5 FESTO-VUWG-L10-M52-R-M5 Datasheet
87Kb / 2P
Pneumatic valve
VUWG-L10A-B52-M3 FESTO-VUWG-L10A-B52-M3 Datasheet
88Kb / 2P
Pneumatic valve
VUWG-L10A-M52-M-M3 FESTO-VUWG-L10A-M52-M-M3 Datasheet
89Kb / 2P
Pneumatic valve
VUWG-L10A-P53E-M3 FESTO-VUWG-L10A-P53E-M3 Datasheet
89Kb / 2P
Pneumatic valve
VUWG-L10-T32C-A-M7 FESTO-VUWG-L10-T32C-A-M7 Datasheet
92Kb / 2P
Pneumatic valve
VOFC-L-B52-G14-F19A FESTO-VOFC-L-B52-G14-F19A Datasheet
97Kb / 2P
Pneumatic valve
VOFC-LT-M32C-MC-FG13-F19A FESTO-VOFC-LT-M32C-MC-FG13-F19A Datasheet
98Kb / 2P
Pneumatic valve
VOFC-LT-M32C-MC-G14-F19 FESTO-VOFC-LT-M32C-MC-G14-F19 Datasheet
89Kb / 2P
Pneumatic valve
VOFC-LT-M32C-MC-G14-F19A FESTO-VOFC-LT-M32C-MC-G14-F19A Datasheet
89Kb / 2P
Pneumatic valve
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com