Electronic Components Datasheet Search
  English  ▼

X  

273 Datasheet(PDF) 2 Page - Peregrine Semiconductor Corp.

Part # 273
Description  SPDT Broadband UltraCMOS??DC - 3 GHz RF Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.

273 Datasheet(HTML) 2 Page - Peregrine Semiconductor Corp.

  273 Datasheet HTML 1Page - Peregrine Semiconductor Corp. 273 Datasheet HTML 2Page - Peregrine Semiconductor Corp. 273 Datasheet HTML 3Page - Peregrine Semiconductor Corp. 273 Datasheet HTML 4Page - Peregrine Semiconductor Corp. 273 Datasheet HTML 5Page - Peregrine Semiconductor Corp. 273 Datasheet HTML 6Page - Peregrine Semiconductor Corp. 273 Datasheet HTML 7Page - Peregrine Semiconductor Corp. 273 Datasheet HTML 8Page - Peregrine Semiconductor Corp. 273 Datasheet HTML 9Page - Peregrine Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Product Specification
PE4273
Page 2 of 12
©2005-2012 Peregrine Semiconductor Corp. All rights reserved.
Document No. 70-0174-05 │ UltraCMOS® RFIC Solutions
Parameter
Conditions
Typical
Units
Operation Frequency
5 - 3000 MHz
MHz
Insertion Loss
1000 MHz
2000 MHz
0.50
0.65
dB
dB
Isolation (RFC - RF1/RF2)
1000 MHz
2000 MHz
34.5
25
dB
dB
Return Loss
1000 MHz
2000 MHz
18.5
14
dB
dB
‘ON’ Switching Time 2
50% CTRL to 0.1 dB of final value, 1 GHz
0.725
μ
s
‘OFF’ Switching Time 2
50% CTRL to 25 dB isolation, 1 GHz
0.625
μ
s
Video Feedthrough 1,2
< 2
mVpp
Input 1 dB Compression 2
5 MHz
1000 MHz
29
32
dBm
dBm
Input IP3 2
5 MHz, 19 dBm input power
1000 MHz, 19 dBm input power
54
53
dBm
dBm
Isolation (RF1 - RF2)
1000 MHz
2000 MHz
40.5
28
dB
dB
Min
5
32.5
23
38.5
26
28
30
Max
3000
0.60
0.75
1.5
1.3
Table 1. Electrical Specifications @ +25°C, VDD = 3V (ZS = ZL = 75 Ω )
Notes:
1. Measured with a 1 ns risetime, 0/3 V pulse and 500 MHz bandwidth
2. Measured in a 50 Ω system



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com