| Electronic Components Datasheet Search |
|
AP1602 Datasheet(PDF) 3 Page - Anachip Corp |
|
|
|||||||||||||||||||||||||||||
AP1602 Datasheet(HTML) 3 Page - Anachip Corp |
|
3 / 7 page ![]() AP1602 Step-Up DC/DC Converter Anachip Corp. www.anachip.com.tw Rev.0.1 Apr. 14, 2004 3/7 Electrical Characteristics (RL = ∞, TA = 0°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C.) Symbol Parameter Conditions Min. Typ. Max. Unit Minimum Input Voltage - 0.9 - V VIN Operating Voltage TA = +25°C 1.1 - 5.5 V Start-Up Voltage TA = +25°C, RL = 3kΩ (Note 1) - 0.9 1.1 V Start-Up Voltage Tempco - -2 - mV/°C Output Voltage Range 2 - 5.5 V IOUT Steady-State Output Current (Note2) (VOUT = 3.3V) 150 220 - mA VREF Reference Voltage IREF=0 1.176 1.2 1.224 V VOUT Output Voltage 3.17 3.3 3.43 V TEMPCO Reference Voltage Tempco - 0.024 - mV/°C VREF_LOAD Reference Voltage Load Regulation IREF=0 to 80 μA - 15 30 mV VREF_LINE Reference Voltage Line Regulation VIN=1.1V to 3.6V - 0.08 2.5 mV/V RDS(ON) Internal NFET, PFET On-Resistance ILX=100mA - 0.3 0.6 Ω ILIM LX Switch Current Limit (NFET) 0.4 0.5 0.65 A ILEAK LX Leakage Current VLX=0, 5.5V; VOUT=5.5V - 0.05 1 μ A Operating Current into OUT VOUT=3.3V - 16 35 µA Shutdown Current into OUT SHDN =GND - 0.1 1 µA Efficiency VOUT=3.3V, ILOAD=200mA - 90 - % tON LX Switch On-Time 3 4 7 µs tOFF LX Switch Off-Time 0.8 1 1.2 µs ISHDN SHDN Input Current VSHDN =0 or VOUT - 0.07 50 nA VIL - - 0.2 VIH SHDN Input Voltage Based on VOUT Voltage 0.8 - - VOUT Note 1: Start-up voltage operation is guaranteed with the addition of a Schottky MBR0520 external diode between the input and output. Note 2: Steady-state output current indicates that the device maintains output voltage regulation under load. Typical Application Circuit SHDN LX OUT REF 0.1uF 22uH 220uF + 100uF + V IN ON OFF Fixed Output ( 3.3V ) GND 1.1V to 3.6V Optional |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |