Electronic Components Datasheet Search
  English  ▼

X  

14009 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 14009
Description  Air solenoid valve
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

14009 Datasheet(HTML) 1 Page - Festo Corporation.

  14009 Datasheet HTML 1Page - Festo Corporation. 14009 Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Air solenoid valve
JMFH-5-1/4-S
Part number: 14009
Data sheet
Feature
Value
Valve function
5/2, bistable
Actuation type
Electrical
Width
30.5 mm
Standard nominal flow rate
1100 l/min
Pneumatic working port
G1/4
Operating voltage
Via solenoid coil, to be ordered separately
Operating pressure
0 MPa ... 1 MPa
Operating pressure
0 bar ... 10 bar
Structural design
Plate seat
Certification
c UL us - Recognized (OL)
Degree of protection
IP65
Nominal width
7 mm
Width dimension
32 mm
Type code
JMFH
Exhaust air function
With flow control option
Sealing principle
Soft
Mounting position
Any
Manual override
Detenting
Type of control
Pilot-controlled
Pilot air supply port
External
Flow direction
Non-reversible
Symbol
00995755
Lap
Underlap
Pilot pressure MPa
0.12 MPa ... 0.8 MPa
Pilot pressure
1.2 bar ... 8 bar
Max. switching frequency
25 Hz
Changeover time
11 ms
Max. positive test pulse with 0 signal
2200 µs
Max. negative test pulse on 1 signal
3700 µs
Coil characteristics
See solenoid coil, to be ordered separately
Operating medium
Compressed air as per ISO 8573-1:2010 [7:4:4]
Information on operating and pilot media
Operation with oil lubrication possible (required for further use)
Corrosion resistance class (CRC)
1 - Low corrosion stress
Storage temperature
-20 °C ... 60 °C
Temperature of medium
-10 °C ... 60 °C
Pilot medium
Compressed air as per ISO 8573-1:2010 [7:4:4]
10/19/21 - Subject to change - Festo AG & Co. KG
1/2


Similar Part No. - 14009

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1400900 PHOENIX-1400900 Datasheet
635Kb / 24P
SAC-3P-MS-BI SCO/.../... - Sensor/actuator cable
1400901 PHOENIX-1400901 Datasheet
641Kb / 24P
SAC-3P-MR-BI SCO/.../... - Sensor/actuator cable
1400902 PHOENIX-1400902 Datasheet
580Kb / 24P
SAC-3P-BI/.../... - Sensor/actuator cable
1400903 PHOENIX-1400903 Datasheet
636Kb / 24P
SAC-3P-MS-B SCO/.../... - Sensor/actuator cable
1400905 PHOENIX-1400905 Datasheet
646Kb / 25P
SAC-3P-MR-B SCO/.../... - Sensor/actuator cable
More results

Similar Description - 14009

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
VUVG-B10-B52-ZT-F-1R8L FESTO-VUVG-B10-B52-ZT-F-1R8L Datasheet
96Kb / 2P
Air solenoid valve
VUVG-B10-M52-RZT-F-1R8L FESTO-VUVG-B10-M52-RZT-F-1R8L Datasheet
95Kb / 2P
Air solenoid valve
VUVG-B10-T32C-MZT-F-1R8L FESTO-VUVG-B10-T32C-MZT-F-1R8L Datasheet
101Kb / 2P
Air solenoid valve
VUVG-B10-T32H-AZT-F-1R8L FESTO-VUVG-B10-T32H-AZT-F-1R8L Datasheet
100Kb / 2P
Air solenoid valve
VUVG-BK10-B52-T-F-1H2L-S FESTO-VUVG-BK10-B52-T-F-1H2L-S Datasheet
95Kb / 2P
Air solenoid valve
VUVS-LT20-M32C-MD-G18-F7 FESTO-VUVS-LT20-M32C-MD-G18-F7 Datasheet
103Kb / 2P
Air solenoid valve
VUVS-LT20-M32C-MD-N18-F7 FESTO-VUVS-LT20-M32C-MD-N18-F7 Datasheet
103Kb / 2P
Air solenoid valve
VUVS-LT20-M32U-MD-G18-F7 FESTO-VUVS-LT20-M32U-MD-G18-F7 Datasheet
103Kb / 2P
Air solenoid valve
VUVS-LT20-M52-MZD-G18-F7 FESTO-VUVS-LT20-M52-MZD-G18-F7 Datasheet
103Kb / 2P
Air solenoid valve
MN1H-2-1-MS-NPT FESTO-MN1H-2-1-MS-NPT Datasheet
91Kb / 1P
Air solenoid valve
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com