Electronic Components Datasheet Search
  English  ▼

X  

FSS22 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # FSS22
Description  2 Amp. Surface Mounted Schottky Barrier Rectifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

FSS22 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  FSS22 Datasheet HTML 1Page - List of Unclassifed Manufacturers FSS22 Datasheet HTML 2Page - List of Unclassifed Manufacturers FSS22 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FSS22 .... FSS26
2 Amp. Surface Mounted Schottky Barrier Rectifier
• Metal Silicon Junction, majority carrier conduction
• High current capability, low forward voltage drop
• Guardring for overvoltage protection
• Low power loss, high efficiency
• High surge capability
• Plastic material carries U/L recognition 94V-O
• Low profile package
• Easy pick and place
Dimensions in mm.
Maximum Ratings, according to IEC publication No. 134
Electrical Characteristics at Tamb = 25 °C
V
F
Max. forward voltage drop at I
F = 2.0 A
I
R
0.5 mA
0.55 V
Max. Instantaneous reverse
current at V
RRM
R
thj-a
R
thj-l
Maximum Thermal Resistance
75 °C/W
17 °C/W
Voltage
20 V to 60 V
Current
2.0 A
Ta = 25 ºC
Ta = 100 ºC
0.70 V
20 mA
10 mA
NOTE: Thermal Resistance from junction to lead or to ambient PCB mounted with 5x5 mm copper pads areas.
CASE:
SMB/DO-214AA
(Plastic)
Peak recurrent reverse voltage (V)
Maximum RMS voltage (V)
Maximum DC blocking voltage (V)
Maximum average Forward current.
V
RRM
VRMS
VDC
I
F (AV)
T
j
T
stg
Operating temperature range
Storage temperature range
– 65 to + 150 °C
I
FSM
8.3 ms. peak forward surge current
FSS22
B1
20
(Jedec Method)
14
20
2 A
50 A
21
30
28
40
35
50
42
60
– 65 to + 125 °C
– 65 to + 150 °C
Marking Code
FSS23
B2
30
FSS24
B3
40
FSS25
B4
50
FSS26
B5
60
2.0
4.2
Standard soldering pad
1.25 ± 0.25
5.1 ± 0.3
1.25 ± 0.25
Year code
Sep - 03
Week code
Type No. Closs
(1)
(1)
(1)
Pulse test: 300µs pulse width, 1% duty cycle.


Similar Part No. - FSS22

ManufacturerPart #DatasheetDescription
logo
Carlo Gavazzi Holding A...
FSS2 CARLOGAVAZZI-FSS2 Datasheet
73Kb / 2P
Proximity Magnetic Sensors Cylindrical Housing
logo
Sanyo Semicon Device
FSS207 SANYO-FSS207 Datasheet
41Kb / 4P
Ultrahigh-Speed Switching Applications
logo
VBsemi Electronics Co.,...
FSS210-TL-E VBSEMI-FSS210-TL-E Datasheet
1Mb / 9P
N-Channel 40-V (D-S) MOSFET
logo
Sanyo Semicon Device
FSS212 SANYO-FSS212 Datasheet
176Kb / 4P
DC/DC Converter Applications
FSS216 SANYO-FSS216 Datasheet
146Kb / 4P
DC/DC Converter Applications
More results

Similar Description - FSS22

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
B220 FUJI-B220 Datasheet
668Kb / 1P
2 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Micro Commercial Compon...
SR240M MCC-SR240M Datasheet
81Kb / 2P
2 Amp Schottky Barrier Rectifier 40 Volts
logo
List of Unclassifed Man...
FSS12 ETC-FSS12 Datasheet
43Kb / 2P
1 Amp. Surface Mounted Schottky Barrier Rectifier
FSS32 ETC1-FSS32 Datasheet
48Kb / 2P
3 Amp. Surface Mounted Schottky Barrier Rectifier
FES2A ETC1-FES2A Datasheet
51Kb / 2P
2 Amp. Surface Mounted Glass Passivated Ultrafast Recovery Rectifier
logo
SeCoS Halbleitertechnol...
MSCD202 SECOS-MSCD202 Datasheet
315Kb / 2P
2 AMP Surface Mount Schottky Barrier Rectifiers
logo
Micro Commercial Compon...
SMD22WS MCC-SMD22WS Datasheet
237Kb / 3P
2 Amp Schottky Barrier Rectifier 20 Volts
logo
Shanghai Leiditech Elec...
DSK23L LEIDITECH-DSK23L Datasheet
490Kb / 2P
Surface Mounted Schottky Barrier Rectifiers
DSS24 LEIDITECH-DSS24 Datasheet
621Kb / 2P
Surface Mounted Schottky Barrier Rectifiers
SS14F LEIDITECH-SS14F Datasheet
805Kb / 2P
Surface Mounted Schottky Barrier Rectifiers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com