Electronic Components Datasheet Search
  English  ▼

X  

MAX17428 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX17428
Description  PLASTIC ENCAPSULATED DEVICES
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17428 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX17428 Datasheet HTML 1Page - Maxim Integrated Products MAX17428 Datasheet HTML 2Page - Maxim Integrated Products MAX17428 Datasheet HTML 3Page - Maxim Integrated Products MAX17428 Datasheet HTML 4Page - Maxim Integrated Products MAX17428 Datasheet HTML 5Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Conclusion
MAX17428GTJ+
The MAX17428GTJ+ successfully meets the quality and reliability standards required of all Maxim products. In addition, Maxim"s
continuous reliability monitoring program ensures that all outgoing product will continue to meet Maxim"s quality and reliability standards.
Table of Contents
I. ........Device Description
V. ........Quality Assurance Information
II. ........Manufacturing Information
VI. .......Reliability Evaluation
III. .......Packaging Information
IV. .......Die Information
.....Attachments
I. Device Description
A. General
The MAX17428 is a 1-phase Quick-PWM™ step-downVID power-supply controller for Intel notebook CPUs. The Quick-PWM control provides
instantaneous response to fast load current steps. Active voltage positioning reduces power dissipation and bulk output capacitance requirements and
allows ideal positioning compensation for tantalum, polymer, or ceramic bulk output capacitors. The MAX17428 is intended for two different notebook
CPU/GPU core applications: either bucking down the battery directly to create the core voltage, or else bucking down the +5V system supply. The
single-stage conversion method allows this device to directly step down high-voltage batteries for the highest possible efficiency. Alternatively, 2-stage
conversion (stepping down the +5V system supply instead of the battery) at higher switching frequency provides the minimum possible physical size. A
slew-rate controller allows controlled transitions between VID codes. A thermistor-based temperature sensor provides programmable thermal
protection. A current monitor provides an analog output current proportional to the processor load current. The MAX17428 implements both the Intel
IMVP-6.5 CPU core specifications (V3P3 = 3.3V), as well as the Intel GMCH graphics core specifications (V3P3 =GND). The 17028 is available in a
32-pin, 5mm x 5mm, TQFN package.
Maxim Integrated Products. All rights reserved.
Page 2/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com