Electronic Components Datasheet Search
  English  ▼

X  

MAX17271 Datasheet(PDF) 21 Page - Maxim Integrated Products

Part # MAX17271
Description  nanoPower Triple-Output, Single-Inductor, Multiple-Output (SIMO) Buck-Boost Regulator
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17271 Datasheet(HTML) 21 Page - Maxim Integrated Products

Back Button MAX17271 Datasheet HTML 17Page - Maxim Integrated Products MAX17271 Datasheet HTML 18Page - Maxim Integrated Products MAX17271 Datasheet HTML 19Page - Maxim Integrated Products MAX17271 Datasheet HTML 20Page - Maxim Integrated Products MAX17271 Datasheet HTML 21Page - Maxim Integrated Products MAX17271 Datasheet HTML 22Page - Maxim Integrated Products MAX17271 Datasheet HTML 23Page - Maxim Integrated Products MAX17271 Datasheet HTML 24Page - Maxim Integrated Products MAX17271 Datasheet HTML 25Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 37 page
background image
I2C Interface Power
The MAX17231’s I2C interface derives its power from
VIO. Typically a power input such as VIO would require
a local 0.1μF ceramic bypass capacitor to ground.
However, in highly integrated power distribution systems,
a dedicated capacitor might not be necessary. If the
impedance between VIO and the next closest capacitor
(≥ 0.1μF) is less than 100mΩ in series with 10nH, then a
local capacitor is not needed. Otherwise, bypass VIO to
GND with a 0.1µF ceramic capacitor.
VIO accepts voltages from 1.7V to 3.6V (VIO). Cycling VIO
does not reset the I2C registers. When VIN is less than
VUVLO, SDA and SCL are high impedance.
I2C Data Transfer
One data bit is transferred during each SCL clock cycle.
The data on SDA must remain stable during the high
period of the SCL clock pulse. Changes in SDA while SCL
is high are control signals. See the I2C Start and Stop
Conditions section. Each transmit sequence is framed by
a START (S) condition and a STOP (P) condition. Each
data packet is nine bits long: eight bits of data followed by
the acknowledge bit. Data is transferred with the MSB first.
I2C Start and Stop Conditions
When the serial interface is inactive, SDA and SCL idle
high. A master device initiates communication by issuing
a START condition. A START condition is a high-to-low
transition on SDA with SCL high. A STOP condition is a low-
to-high transition on SDA, while SCL is high. See Figure 5.
A START condition from the master signals the
beginning of a transmission to the MAX17271. The
master terminates transmission by issuing a not-acknowl-
edge followed by a STOP condition (see I2C Acknowledge
Bit for information on not-acknowledge). The STOP
condition frees the bus. To issue a series of commands
to the slave, the master can issue repeated start (Sr)
commands instead of a STOP command to maintain
control of the bus. In general a repeated start command is
functionally equivalent to a regular start command.
When a STOP condition or incorrect address is detected,
the MAX17271 internally disconnect SCL from the serial
interface until the next START condition, minimizing digital
noise and feedthrough.
I2C Acknowledge Bit
Both the I2C bus master and the MAX17271 (slave)
generate acknowledge bits when receiving data. The
acknowledge bit is the last bit of each nine bit data packet.
To generate an acknowledge (A), the receiving device
must pull SDA low before the rising edge of the acknowl-
edge-related clock pulse (ninth pulse) and keep it low
during the high period of the clock pulse. See Figure 6.
To generate a not-acknowledge (nA), the receiving device
allows SDA to be pulled high before the rising edge of the
acknowledge-related clock pulse and leaves it high during
the high period of the clock pulse.
Monitoring the acknowledge bits allows for detection
of unsuccessful data transfers. An unsuccessful data
transfer occurs if a receiving device is busy or if a system
fault has occurred. In the event of an unsuccessful data
transfer, the bus master should reattempt communication
at a later time.
The MAX17271 issues an ACK for all register
addresses in the possible address space even if the
particular register does not exist.
Figure 5. I2C Start and Stop Conditions
Figure 6. Acknowledge Bit
S
P
Sr
SCL
SDA
tHD;STA
tSU;STA
tSU;STO
tHD;STA
TSU;DAT
S
SCL
SDA
1
2
8
9
THD;DAT
NOT ACKNOWLEDGE (NA)
ACKNOWLEDGE (A)
www.maximintegrated.com
Maxim Integrated │ 21
MAX17270/MAX17271
nanoPower Triple-Output, Single-Inductor,
Multiple-Output (SIMO) Buck-Boost Regulator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com