Electronic Components Datasheet Search
  English  ▼

X  

MAX17039 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX17039
Description  Dual-Output, 3-Phase 1 Phase Quick-PWM Controller for VR12/IMVP-7
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17039 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX17039 Datasheet HTML 1Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
_______________________________________________________________ Maxim Integrated Products 1
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.
Dual-Output, 3-Phase + 1 Phase Quick-PWM
Controller for VR12/IMVP-7
General Description
The MAX17039 is a dual-output, step-down, constant-
on-time controller for VR12/IMVP-7 CPU core supplies.
The controller consists of two high-current-switching
power supplies for the CPU and GPU cores. The CPU
regulator (regulator A) is a three-phase constant-on-time
architecture. The optional 3rd phase is configured with
an external MAX8791 or MAX17491 driver. The second
GPU regulator (regulator B) is also a constant-on-time
architecture with only single phase.
Both regulators A and B include true differential voltage
and current sensing to improve load-line and current-
limit accuracy. Switching frequencies are independently
programmable, allowing 100kHz to 600kHz per phase
operation. Output overvoltage protection (OVP), under-
voltage protection (UVP), and thermal protection ensure
effective and highly reliable operation. When any of
these protection features detect a fault, the controller
shuts down both channels.
Regulator A includes transient-phase overlap, which
speeds up the response time, reducing the total output
capacitance. Regulator A also includes active overshoot
suppression to further reduce the required output decou-
pling capacitance.
Both controllers are fully compliant with Intel’s VR12/
IMVP-7 serial VID communication and control speci-
fications. CPU and GPU outputs are controlled inde-
pendently by writing the appropriate data into a func-
tion-mapped register file. A slew-rate controller allows
controlled transitions between VID codes, controlled
soft-start. The SVID interface also allows each regulator
to be individually set into a low-power pulse-skipping
state. Individual phases can be shut down based on the
processors’ operating conditions to optimize efficiency.
The MAX17039 is available in a lead-free, 56-pin, 7mm x
7mm TQFN package.
Applications
VR12/IMVP-7 CPU Core Power Supplies
Voltage-Positioned Step-Down Converters
Notebooks/Desktops/Servers
Features
S
Supports all Required IMVP-7 Functions
S
Three-Phase Quick-PWM™ CPU Core (Regulator A)
Two Internal Drivers and One External Driver
Active Overshoot Suppression
Transient-Phase Overlap Mode
Dynamic Phase Selection
Phase-Good Fault Detection (Internal)
S
One-Phase Quick-PWM with Internal Driver
(Regulator B)
S
Intel VR12/IMVP-7-Compliant 25MHz Serial Interface
S
8-Bit IMVP-7 DAC
S
±0.4% VOUT Accuracy Over Line, Load, and
Temperature
S
Active Voltage Positioning with Programmable Gain
S
Accurate Lossless Current Balance
S
Accurate Droop and Current Limit
S
Remote Output and Ground Sense
S
Power-Good Window Comparators (VR__READY)
S
Output Current Monitors (IMON_)
S
4.5V to 26V Battery-Input Range
S
Drives Large Synchronous Rectifier MOSFETs
S
Programmable 100kHz to 600kHz Switching
Frequency
S
External Thermal-Fault Detection (VR_HOT#) Output
S
Overvoltage, Undervoltage, and Thermal-Fault
Protection
S
Soft-Start and Soft-Shutdown
S
Integrated Boost Switches
S
Low-Profile 56-Lead TQFN Package
XX-XXXX; Rev 0; 7/09
Ordering Information
+Denotes a lead(Pb)-free/RoHS-compliant package.
Pin Configuration appears at end of data sheet.
Quick-PWM is a trademark of Maxim Integrated Products, Inc.
PART
TEMP
RANGE
PIN-
PACKAGE
FEATURE
MAX17039GTN+
-40NC to
+105NC
56 TQFN
3-phase +
1 phase
(1 external
driver)


Similar Part No. - MAX17039

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1703 MAXIM-MAX1703 Datasheet
273Kb / 16P
1-Cell to 3-Cell, High-Power 1.5A, Low-Noise, Step-Up DC-DC Converter
Rev 2; 11/98
MAX17030 MAXIM-MAX17030 Datasheet
649Kb / 38P
1/2/3-Phase Quick-PWM IMVP-6.5 VID Controllers
Rev 0; 4/09
MAX17030GTL+ MAXIM-MAX17030GTL+ Datasheet
649Kb / 38P
1/2/3-Phase Quick-PWM IMVP-6.5 VID Controllers
Rev 0; 4/09
MAX17031 MAXIM-MAX17031 Datasheet
576Kb / 24P
Dual Quick-PWM Step-Down Controller with Low-Power LDO and RTC Regulator for MAIN Supplies
Rev 0; 10/08
MAX17031ETG+ MAXIM-MAX17031ETG+ Datasheet
576Kb / 24P
Dual Quick-PWM Step-Down Controller with Low-Power LDO and RTC Regulator for MAIN Supplies
Rev 0; 10/08
More results

Similar Description - MAX17039

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6364 INTERSIL-ISL6364 Datasheet
1Mb / 44P
Dual 4-Phase 1-Phase PWM Controller for VR12/IMVP7 Applications
December 22, 2010
ISL95839 INTERSIL-ISL95839 Datasheet
1Mb / 36P
Dual 31 PWM Controller with Current Monitor for IMVP-7/VR12??CPUs
May 9, 2013
ISL95833 INTERSIL-ISL95833 Datasheet
164Kb / 3P
Dual 21 PWM Controller for IMVP-7/VR12 CPUs
logo
Renesas Technology Corp
ISL95833B RENESAS-ISL95833B Datasheet
194Kb / 2P
Dual 21 PWM Controller for IMVP-7/VR12 CPUs
ISL95838 RENESAS-ISL95838 Datasheet
196Kb / 2P
Dual 32 PWM Controller for IMVP-7/VR12??CPUs
ISL95839 RENESAS-ISL95839 Datasheet
2Mb / 36P
Dual 31 PWM Controller with Current Monitor for IMVP-7/VR12??CPUs
logo
Maxim Integrated Produc...
MAX17411 MAXIM-MAX17411 Datasheet
3Mb / 72P
Dual-Output, 3-/2-/1-Phase 2-/1-Phase Quick-PWM Controllers for VR12/IMVP7
19-5742; Rev 1; 7/11
logo
Renesas Technology Corp
ISL95833 RENESAS-ISL95833 Datasheet
183Kb / 2P
Dual 21 PWM Controller for IMVP-7/VR12 CPUs
Rev 2.00
ISL95836 RENESAS-ISL95836 Datasheet
186Kb / 2P
Dual 32 PWM Controller for IMVP-7/VR12™ CPUs
March 14, 2012
ISL6364C RENESAS-ISL6364C Datasheet
192Kb / 2P
Dual 4-Phase 1-Phase PWM Controller for VR12 Desktop Applications
Aug 7, 2013
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com