Electronic Components Datasheet Search
  English  ▼

X  

MAX17016 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX17016
Description  Single Quick-PWM Step-Down Controller with Internal 26V MOSFETs
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17016 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX17016 Datasheet HTML 1Page - Maxim Integrated Products MAX17016 Datasheet HTML 2Page - Maxim Integrated Products MAX17016 Datasheet HTML 3Page - Maxim Integrated Products MAX17016 Datasheet HTML 4Page - Maxim Integrated Products MAX17016 Datasheet HTML 5Page - Maxim Integrated Products MAX17016 Datasheet HTML 6Page - Maxim Integrated Products MAX17016 Datasheet HTML 7Page - Maxim Integrated Products MAX17016 Datasheet HTML 8Page - Maxim Integrated Products MAX17016 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
(Circuit of Figure 1, VIN = 12V, VDD = VCC = VEN = 5V, REFIN = ILIM = REF, SKIP = GND. TA = 0°C to +85°C, unless otherwise
specified. Typical values are at TA = +25°C.) (Note 1)
Electrical Characteristics (continued)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Thermal-Shutdown Threshold
TSHDN
Hysteresis = 15°C
160
°C
VCC Undervoltage Lockout
Threshold
VUVLO(VCC)
Rising edge, PWM disabled below this
level; hysteresis = 100mV
3.95
4.2
4.45
V
CURRENT LIMIT
ILIM Input Range
0.4
VREF
V
ILIM Input Bias Current
TA = +25°C, ILIM = 0.4V to 2V
-0.1
+0.1
µA
Current-Limit Threshold
VILIMIT
VILIM = 0.4V, VGND - VLX
18
20
22
mV
ILIM = REF (2.0V), VGND - VLX
92
100
108
Current-Limit Threshold
(Negative)
VINEG
VILIM = 0.4V, VGND - VLX
-24
mV
Current-Limit Threshold
(Zero Crossing)
VZX
VILIM = 0.4V,
VGND - VLX, SKIP = GND or open
1
mV
Ultrasonic Frequency
SKIP = open (3.3V); VFB = VREFIN + 50mV
18
30
kHz
Ultrasonic Current-Limit
Threshold
SKIP = open (3.3V); VFB = VREFIN + 50mV,
VGND - VLX
-35
mV
POWER MOSFETS
Low-Side MOSFET
On-Resistance
Low-side MOSFET
enabled; VDD = 5V,
VFB = VREFIN + 50mV
TA = +25°C
6
7.5
mΩ
TA = +85°C
6
7.5
High-Side MOSFET
On-Resistance
High-side MOSFET enabled, VDD = 5V,
TA = +25°C
10
mΩ
IBST = 10mA, VDD = 5V
12
16
mΩ
Internal BST Switch
On-Resistance
RBST
IBST = 10mA, VDD = 5V
4
7
Ω
INPUTS AND OUTPUTS
EN Logic-Input Threshold
VEN
EN rising edge, hysteresis = 450mV (typ)
1.20
1.7
2.20
V
EN Logic-Input Current
IEN
EN forced to GND or VDD, TA = +25°C
-0.5
+0.5
µA
SKIP Quad-Level Input
Logic Levels
VSKIP
High (5V VDD)
VCC - 0.4
V
Open (3.3V)
3.0
3.6
Ref (2.0V)
1.7
2.3
Low (GND)
0.4
SKIP Logic-Input Current
ISKIP
SKIP forced to GND or VDD, TA = +25°C
-2
+2
µA
MAX17016
Single Quick-PWM Step-Down
Controller with Internal 26V MOSFETs
www.maximintegrated.com
Maxim Integrated │ 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com