Electronic Components Datasheet Search
  English  ▼

X  

MAX17003 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX17003
Description  High-Efficiency, Quad-Output, Main Power-Supply Controllers for Notebook Computers
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17003 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX17003 Datasheet HTML 1Page - Maxim Integrated Products MAX17003 Datasheet HTML 2Page - Maxim Integrated Products MAX17003 Datasheet HTML 3Page - Maxim Integrated Products MAX17003 Datasheet HTML 4Page - Maxim Integrated Products MAX17003 Datasheet HTML 5Page - Maxim Integrated Products MAX17003 Datasheet HTML 6Page - Maxim Integrated Products MAX17003 Datasheet HTML 7Page - Maxim Integrated Products MAX17003 Datasheet HTML 8Page - Maxim Integrated Products MAX17003 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
High-Efficiency, Quad-Output, Main Power-
Supply Controllers for Notebook Computers
4
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS (continued)
(Circuit of Figure 1, VIN = 12V, both SMPS enabled, FSEL = REF, SKIP = GND, ILIM = LDO5, FBA = LDO5, IREF = ILDO5 = IOUTA =
no load, TA = 0°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Soft-Start Ramp Time
tSSTART
Measured from the rising edge of ON_ to
full scale
2ms
Soft-Stop Ramp Time
tSSTOP
Measured from the falling edge of ON_ to
full scale
4ms
INTERNAL FIXED LINEAR REGULATORS
LDO5 Output Voltage
VLDO5
ON5 = GND, 6V < VIN < 26V,
0 < ILDO5 < 100mA
4.85
4.95
5.10
V
LDO5 Undervoltage-Lockout Fault
Threshold
Rising edge, hysteresis = 1% (typ)
225
450
V
LDO5 Bootstrap Switch Threshold
Rising edge of CSL5, hysteresis = 1% (typ)
4.35
4.55
4.70
V
LDO5 Bootstrap Switch Resistance
LDO5 to CSL5, VCSL5 = 5V, ILDO5 = 50mA1
5
Ω
Short-Circuit Current
LDO5 = GND, ON5 = GND
225
450
mA
Short-Circuit Current (Switched
over to CSL_)
LDO5 = GND, VCSL5 > 4.7V
200
425
mA
AUXILIARY LINEAR REGULATOR
DRVA Voltage Range
VDRVA
0.5
26.0
V
VFBA = 1.05V, VDRVA = 5V
0.4
DRVA Drive Current
VFBA = 0.965V, VDRVA = 5V
10
mA
FBA Regulation Threshold
VFBA
VDRVA = 5V, IDRVA = 1mA (sink)
0.98
1.00
1.02
V
FBA Load Regulation
VDRA = 5V, IDRVA = 0.5mA to 5mA
-1.2
-2.2
%
OUTA Shunt Trip Level
Rising edge
25
26
27
V
FBA Leakage Current
VFBA = 1.035V
0.1
+0.1
µA
Secondary Feedback Regulation
Threshold
VDRVA - VOUTA
0V
DL5 Pulse Width
1/
3fOSC
µs
OUTA Leakage Current
IOUTA
VDRVA = VOUTA = 25V
50
µA
REFERENCE (REF)
Reference Voltage
VREF
LDO5 in regulation, IREF = 0
1.985
2.00
2.015
V
Reference Load-Regulation Error
ΔVREF
IREF = -5µA to +50µA
-10
+10
mV
REF Lockout Voltage
VREF(UVLO)
Rising edge
1.8
V
FAULT DETECTION
Output Overvoltage Trip
Threshold (MAX17003 Only)
With respect to error-comparator
threshold
811
14
%
Output Overvoltage Fault
Propagation Delay (MAX17003 Only)
tOVP
50mV overdrive
10
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com