Electronic Components Datasheet Search
  English  ▼

X  

MAX14591 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX14591
Description  High-Speed, Open-Drain Capable Logic-Level Translator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14591 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX14591 Datasheet HTML 1Page - Maxim Integrated Products MAX14591 Datasheet HTML 2Page - Maxim Integrated Products MAX14591 Datasheet HTML 3Page - Maxim Integrated Products MAX14591 Datasheet HTML 4Page - Maxim Integrated Products MAX14591 Datasheet HTML 5Page - Maxim Integrated Products MAX14591 Datasheet HTML 6Page - Maxim Integrated Products MAX14591 Datasheet HTML 7Page - Maxim Integrated Products MAX14591 Datasheet HTML 8Page - Maxim Integrated Products MAX14591 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
MAX14591
High-Speed, Open-Drain Capable
Logic-Level Translator
4
Maxim Integrated
TIMING CHARACTERISTICS
(VCC = +1.65V to +5.5V, VL = +0.9V to +3.6V, VCC R VL, TS = VL, CVCC = 1FF, CVL = 0.1FF, CIOVL_ P 100pF, CIOVCC_ P 100pF, TA
= -40NC to +85NC, unless otherwise noted. Typical values are at VCC = +3V, VL = +1.2V and TA = +25NC. All timing is 10% to 90%
for rise time and 90% to 10% for fall time.) (Note 5)
Note 2: All devices are 100% production tested at TA = +25NC. Limits over the operating temperature range are guaranteed by
design and not production tested.
Note 3: VL must be less than or equal to VCC during normal operation. However, VL can be greater than VCC during startup and
shutdown conditions.
Note 4: VIHL, VILL, VIHC, and VILC are intended to define the range where the accelerator triggers.
Note 5: Guaranteed by design.
Note 6: External pullup resistors are required.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Turn-On Time for Q1
tON
VTS = 0V to VL (see the Block Diagram)
80
200
F
s
IOVCC_ Rise Time
tRCC
Push-pull driving, VL = +1.2V, VCC = +3V
(Figure 1)
3.7
10
ns
Open-drain driving, VL = +1.2V, VCC = +3V
(Figure 2)
7.9
IOVCC_ Fall Time
tFCC
Push-pull driving, VL = +1.2V, VCC = +3V
(Figure 1)
5.1
15
ns
Open-drain driving, VL = +1.2V, VCC = +3V
(Figure 2)
6.1
IOVL_ Rise Time
tRL
Push-pull driving, VL = +1.2V, VCC = +3V
(Figure 3)
2.7
8
ns
Open-drain driving, VL = +1.2V, VCC = +3V
(Figure 4)
13
IOVL_ Fall Time
tFL
Push-pull driving, VL = +1.2V, VCC = +3V
(Figure 3)
2.8
12
ns
Open-drain driving, VL = +1.2V, VCC = +3V
(Figure 4)
3.3
Propagation Delay
(Driving IOVL_)
tPD_LCC
Push-pull driving,
VL = +1.2V, VCC = +3V
(Figure 1)
Rising
3.4
7
ns
Falling
3
8
Propagation Delay
(Driving IOVCC_)
tPD_CCL
Push-pull driving,
VL = +1.2V, VCC = +3V
(Figure 3)
Rising
1.9
3
ns
Falling
1.5
7
Channel-to-Channel Skew
tSKEW
Input rise time/fall time < 6ns
1.3
ns
Maximum Data Rate
Push-pull operation
8
MHz
Open-drain operation (Note 6)
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com