Electronic Components Datasheet Search
  English  ▼

X  

MAX9679B Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX9679B
Description  12-Channel, 10-Bit Programmable Gamma and VCOM Reference Voltages
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9679B Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX9679B Datasheet HTML 1Page - Maxim Integrated Products MAX9679B Datasheet HTML 2Page - Maxim Integrated Products MAX9679B Datasheet HTML 3Page - Maxim Integrated Products MAX9679B Datasheet HTML 4Page - Maxim Integrated Products MAX9679B Datasheet HTML 5Page - Maxim Integrated Products MAX9679B Datasheet HTML 6Page - Maxim Integrated Products MAX9679B Datasheet HTML 7Page - Maxim Integrated Products MAX9679B Datasheet HTML 8Page - Maxim Integrated Products MAX9679B Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
4
12-Channel, 10-Bit Programmable Gamma
and VCOM Reference Voltages
(All voltages are with respect to AGND.)
Supply Voltages
AVDD1, AVDD2, AVDD_AMP............................-0.3V to +22V
DVDD...................................................................-0.3V to +4V
Outputs
GMA1–GMA6...................................-0.3V to (VAVDD1 + 0.3V)
GMA7–GMA12.................................-0.3V to (VAVDD2 + 0.3V)
VCOM ....................................... -0.3V to (VAVDD_AMP + 0.3V)
Inputs
SDA, SCL, A0, BKSEL.........................................-0.3V to +6V
VCOM_FB................................. -0.3V to (VAVDD_AMP + 0.3V)
Continuous Current
SDA, SCL..................................................................... Q20mA
GMA1–GMA8............................................................. Q200mA
VCOM ........................................................................ Q600mA
Continuous Power Dissipation (TA = +70NC)
TQFN Multilayer Board
(derate 25.6mW/NC above +70NC) .........................2051.3mW
Junction Temperature .....................................................+125NC
Operating Temperature Range.......................... -40NC to +85NC
Storage Temperature Range............................ -65NC to +150NC
Lead Temperature (soldering, 10s) ................................+300NC
Soldering Temperature (reflow) ......................................+260NC
ELECTRICAL CHARACTERISTICS
(VAVDD1 = 18V, VAVDD2 = VAVDD_AMP = 9V, VDVDD = 3.3V, VAGND = 0V, VCOM = VCOM_FB, programmable reference code = 905,
no load, TA = -40NC to +85NC, unless otherwise noted. Typical values are at TA = +25NC.) (Note 2)
ABSOLUTE MAXIMUM RATINGS
Note 1: Package thermal resistances were obtained using the method described in JEDEC specification JESD51-7, using a four-
layer board. For detailed information on package thermal considerations, refer to www.maxim-ic.com/thermal-tutorial.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
TQFN
Junction-to-Ambient Thermal Resistance (
qJA) ..........39°C/W
Junction-to-Case Thermal Resistance (
qJC) .................6°C/W
PACKAGE THERMAL CHARACTERISTICS (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
SUPPLIES
AVDD1 Analog Supply Voltage
Range
VAVDD1
Guaranteed by PSRR
9
20
V
AVDD2 Analog Supply Voltage
Range
VAVDD2
Guaranteed by PSRR
6
20
V
AVDD_AMP Analog Supply
Voltage Range
VAVDD_AMP Guaranteed by PSRR
9
20
V
Digital Supply Voltage
VDVDD
2.7
3.6
V
AVDD1 Analog Quiescent
Current
IAVDD1
7
11
mA
AVDD2 Quiescent Current
IAVDD2
6
9
mA
AVDD_AMP Quiescent Current
IAVDD_AMP
5
8
mA
Digital Quiescent Current
IDVDD
No SCL or SDA transitions
1.5
3
mA
Thermal Shutdown
+160
N
C
Thermal-Shutdown Hysteresis
15
N
C
Analog Supply Voltage Range
for Programming MTP
12
20
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com