Electronic Components Datasheet Search
  English  ▼

X  

MAX8902 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX8902
Description  Low-Noise 500mA LDO Regulators in a 2mm x 2mm TDFN Package
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8902 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX8902 Datasheet HTML 1Page - Maxim Integrated Products MAX8902 Datasheet HTML 2Page - Maxim Integrated Products MAX8902 Datasheet HTML 3Page - Maxim Integrated Products MAX8902 Datasheet HTML 4Page - Maxim Integrated Products MAX8902 Datasheet HTML 5Page - Maxim Integrated Products MAX8902 Datasheet HTML 6Page - Maxim Integrated Products MAX8902 Datasheet HTML 7Page - Maxim Integrated Products MAX8902 Datasheet HTML 8Page - Maxim Integrated Products MAX8902 Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
MAX8902A/MAX8902B
Low-Noise 500mA LDO Regulators
in a 2mm x 2mm TDFN Package
EVALUATION KIT AVAILABLE
19-0990; Rev 6; 1/15
General Description
The MAX8902A/MAX8902B low-noise linear regulators
deliver up to 500mA of output current with only
16µVRMS of output noise in a 100kHz bandwidth. These
regulators maintain their output voltage over a wide
input range, requiring only 100mV of input-to-output
headroom at full load.
These LDOs maintain a low 80µA typical supply cur-
rent, independent of the load current and dropout volt-
age. The regulator control circuitry includes a
programmable soft-start circuit and short circuit,
reverse current, and thermal-overload protection. Other
features include an enable input and a power-OK out-
put (MAX8902B only).
The MAX8902A output voltage can be set to 1.5V, 1.8V,
2.0V, 2.5V, 3.0V, 3.1V, 3.3V, 4.6V, or 4.7V using the
SELA and SELB inputs. The MAX8902B output voltage
can be set between 0.6V and 5.3V with an external
resistor voltage-divider.
Applications
Notebook Computers
MP3 and Portable Media Players
Wireless Headphones
GPS Portable Navigation Devices
Smartphones
Features
• 1.7V to 5.5V Input Voltage Range
• 0.6V to 5.3V Output Voltage Range
• 16µVRMS Output Noise, 10Hz to 100kHz
• 80µA Operating Supply Current
• 92dB PSRR at 5kHz
• Guaranteed 500mA Output Current
• ±1.5% Output Accuracy Over Load, Line, and
Temperature
• 100mV (max) Dropout at 500mA Load
• < 1µA Shutdown Supply Current
• 700mA Short-Circuit Protection
• Thermal-Overload Protection
• Output-to-Input Reverse Current Protection
• 2mm x 2mm x 0.8mm TDFN Package
Ordering Information
IN
EN
OUT
BYP
ON
OFF
OUTPUT
4.6V
SELB
SELA
OUTS
GND
EP
10
μF
INPUT
4.7V TO 5.5V
0.01
μF
10
μF
MAX8902A
Typical Operating Circuits
PART
FEATURES
TOP
MARK
MAX8902AATA+
Pin-selectable output
voltage
ABG
MAX8902AATA/V+
Pin-selectable output
voltage
BRP
MAX8902BATA+
Adjustable output voltage
ABH
MAX8902BATA/V+
Adjustable output voltage
ADL
+
Denotes a lead(Pb)-free/RoHS-compliant package.
/V denotes an automotive qualified part.
Note: All devices are in an 8-pin, 2mm x 2mm TDFN package
with an exposed paddle and operate over the -40°C to +125°C
automotive temperature range.
IN
EN
OUT
BYP
ON
OFF
OUTPUT ADJUSTABLE
0.6V TO 5.3V
GS
POK
FB
GND
EP
10
μF
INPUT
1.7V TO 5.5V
0.01
μF
10
μF
MAX8902B
R1
R2
LOGIC
SUPPLY
R3
100k
Ω
TO
μC
Pin Configurations appear at end of data sheet.


Similar Part No. - MAX8902

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8902A MAXIM-MAX8902A Datasheet
267Kb / 10P
Low-Noise 500mA LDO Regulators in a 2mm x 2mm TDFN Package
Rev 5; 10/12
MAX8902A MAXIM-MAX8902A Datasheet
266Kb / 11P
Low-Noise 500mA LDO Regulators in a 2mm x 2mm TDFN Package
Rev 2; 2/08
MAX8902A MAXIM-MAX8902A Datasheet
360Kb / 9P
Low-Noise 500mA LDO Regulators in a 2mm x 2mm TDFN Package
Rev 4; 4/11
MAX8902A MAXIM-MAX8902A Datasheet
360Kb / 9P
Low-Noise 500mA LDO Regulators in a 2mm x 2mm TDFN Package
Rev 5; 10/12
MAX8902A MAXIM-MAX8902A Datasheet
355Kb / 9P
Low-Noise 500mA LDO Regulators in a 2mm x 2mm TDFN Package
Rev 6; 1/15
More results

Similar Description - MAX8902

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS718XX TI-TPS718XX Datasheet
506Kb / 15P
Dual, 200mA Output, Low Noise, High PSRR Low-Dropout Linear Regulators in 2mm x 2mm SON Package
TPS718XX TI-TPS718XX_07 Datasheet
325Kb / 18P
Dual, 200mA Output, Low Noise, High PSRR Low-Dropout Linear Regulators in 2mm x 2mm SON Package
logo
Maxim Integrated Produc...
MAX8902A MAXIM-MAX8902A Datasheet
267Kb / 10P
Low-Noise 500mA LDO Regulators in a 2mm x 2mm TDFN Package
Rev 5; 10/12
MAX8902A MAXIM-MAX8902A_08 Datasheet
266Kb / 11P
Low-Noise 500mA LDO Regulators in a 2mm x 2mm TDFN Package
Rev 2; 2/08
logo
Micrel Semiconductor
MIC5350 MICREL-MIC5350 Datasheet
445Kb / 12P
Dual 300mA/500mA LDO in 2mm x 2mm Thin MLF짰
logo
Maxim Integrated Produc...
MAX8902A MAXIM-MAX8902A_11 Datasheet
360Kb / 9P
Low-Noise 500mA LDO Regulators in a 2mm x 2mm TDFN Package
Rev 4; 4/11
MAX8902A MAXIM-MAX8902A_12 Datasheet
378Kb / 9P
Low-Noise 500mA LDO Regulators in a 2mm x 2mm TDFN Package
Rev 5; 10/12
MAX8902AATA-T MAXIM-MAX8902AATA-T Datasheet
378Kb / 9P
Low-Noise 500mA LDO Regulators in a 2mm x 2mm TDFN Package
Rev 5; 10/12
MAX8902BATAT MAXIM-MAX8902BATAT Datasheet
360Kb / 9P
Low-Noise 500mA LDO Regulators in a 2mm x 2mm TDFN Package
Rev 5; 10/12
MAX8902A MAXIM-MAX8902A_15 Datasheet
355Kb / 9P
Low-Noise 500mA LDO Regulators in a 2mm x 2mm TDFN Package
Rev 6; 1/15
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com