Electronic Components Datasheet Search
  English  ▼

X  

ZB4FD2 Datasheet(PDF) 2 Page - Schneider Electric

Part # ZB4FD2
Description  Harmony XB4, Flush mounted selector switch head, metal, black, 횠30, 2 positions, stay put
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

ZB4FD2 Datasheet(HTML) 2 Page - Schneider Electric

  ZB4FD2 Datasheet HTML 1Page - Schneider Electric ZB4FD2 Datasheet HTML 2Page - Schneider Electric ZB4FD2 Datasheet HTML 3Page - Schneider Electric ZB4FD2 Datasheet HTML 4Page - Schneider Electric ZB4FD2 Datasheet HTML 5Page - Schneider Electric ZB4FD2 Datasheet HTML 6Page - Schneider Electric ZB4FD2 Datasheet HTML 7Page - Schneider Electric ZB4FD2 Datasheet HTML 8Page - Schneider Electric ZB4FD2 Datasheet HTML 9Page - Schneider Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
Ambient Air Temperature for
Storage
-40…158 °F (-40…70 °C)
Ambient Air Temperature for
Operation
-40…158 °F (-40…70 °C)
Overvoltage category
Class I IEC 60536
IP degree of protection
IP66 IEC 60529
IP67 IEC 60529
IP69 IEC 60529
IP69K ISO 20653
Type 13 UL 50 E
Type 12 UL 50 E
Type 4 UL 50 E
Type 4X UL 50 E
IK degree of protection
IK06 IEC 50102
Standards
CSA C22.2 No 14
EN/IEC 60947-5-1
EN/IEC 60947-5-4
UL 508
EN/IEC 60947-1
JIS C8201-5-1
CE
JIS C8201-1
Product Certifications
UL Listed
CSA
CCC
EAC
Vibration resistance
5 gn 10…500 Hz)IEC 60068-2-6
2 mm peak to peak 2…10 Hz)IEC 60068-2-6
Shock resistance
30 gn 18 ms) half sine wave acceleration IEC 60068-2-27
50 gn 11 ms) half sine wave acceleration IEC 60068-2-27
25 gn 6 ms) 1000 shocks on each axis IEC 60068-2-27
Ordering and shipping details
Category
22468 - PUSHBUTTONS,22MM(METAL) NEW
Discount Schedule
CS2
GTIN
3606489581213
Nbr. of units in pkg.
1
Package weight(Lbs)
2.54 oz (72 g)
Returnability
Yes
Country of origin
FR
Packing Units
Unit Type of Package 1
PCE
Package 1 Height
2.20 in (5.6 cm)
Package 1 width
1.69 in (4.3 cm)
Package 1 Length
2.05 in (5.2 cm)
Unit Type of Package 2
BB1
Number of Units in Package 2
5
Package 2 Weight
13.76 oz (390 g)
Package 2 Height
2.17 in (5.5 cm)
Package 2 width
8.46 in (21.5 cm)
Package 2 Length
179.21 in (455.2 cm)
Unit Type of Package 3
S02
Number of Units in Package 3
80
Package 3 Weight
13.35 lb(US) (6.056 kg)
2
Oct 13, 2021



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com