Electronic Components Datasheet Search
  English  ▼

X  

AN6783 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # AN6783
Description  IC for long interval timer
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AN6783 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  AN6783 Datasheet HTML 1Page - Panasonic Semiconductor AN6783 Datasheet HTML 2Page - Panasonic Semiconductor AN6783 Datasheet HTML 3Page - Panasonic Semiconductor AN6783 Datasheet HTML 4Page - Panasonic Semiconductor AN6783 Datasheet HTML 5Page - Panasonic Semiconductor AN6783 Datasheet HTML 6Page - Panasonic Semiconductor AN6783 Datasheet HTML 7Page - Panasonic Semiconductor AN6783 Datasheet HTML 8Page - Panasonic Semiconductor AN6783 Datasheet HTML 9Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
AN6783S
ICs for Timer
s Absolute Maximum Ratings
Parameter
Symbol
Rating
Unit
Supply voltage
VCC
20
V
Supply current
ICC
7mA
Power dissipation
PD
140
mW
Operating ambient temperature *
Topr
−35 to +85
°C
Storage temperature *
Tstg
−55 to +125
°C
Stop terminal voltage
VSTOP
0 to 18
V
Reset terminal voltage
VRESET
0 to 18
V
CR terminal voltage
VCR
0 to 3
V
Out terminal current
IOUT
−15 to +15
mA
s Recommended Operating Range
Parameter
Symbol
Range
Unit
Supply voltage
VCC
3.2 to 18.0
V
Pin No.
Symbol
Description
1VS
Reference voltage
2
Stop
Oscillation stop input
3
Reset
Reset input
4
GND
Grounding
5
CR
C and R connection
6
Out
Output
7VCC
Supply voltage
8
Mon.
Monitor pin
s Pin Descriptions
Note) 1. Do not apply external currents or voltages to any pins not specifically mentioned.
For circuit currents, '
+' denotes current flowing into the IC, and '−' denotes current flowing out of the IC.
2. *: Except for the operating ambient temperature and storage temperature, all ratings are for Ta = 25°C.
s Electrical Characteristics at T
a = 25°C
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Quiescent supply current
ICC
VCC = 5 V
2.0
4.0
5.0
mA
Internal reference voltage
VS
VCC = 5 V, IS = −3 mA
2.40
2.55
2.70
V
High-level input current
IIH
VCC = 18 V, VIH = 18 V

10
µA
Low-level input current
IIL
VCC = 18 V, VIL = 0 V
−100

µA
High-level out terminal voltage
VOH
VCC = 18 V, IOH = −10 mA
14.0
16.0
18.0
V
Low-level out terminal voltage
VOL
VCC = 3.2 V, IOL = −10 mA

0.4
V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com