Electronic Components Datasheet Search
  English  ▼

X  

DS1609 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # DS1609
Description  Dual Port RAM
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1609 Datasheet(HTML) 5 Page - Maxim Integrated Products

  DS1609 Datasheet HTML 1Page - Maxim Integrated Products DS1609 Datasheet HTML 2Page - Maxim Integrated Products DS1609 Datasheet HTML 3Page - Maxim Integrated Products DS1609 Datasheet HTML 4Page - Maxim Integrated Products DS1609 Datasheet HTML 5Page - Maxim Integrated Products DS1609 Datasheet HTML 6Page - Maxim Integrated Products DS1609 Datasheet HTML 7Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
DS1609
020499 5/7
AC ELECTRICAL CHARACTERISTICS
(–40
°C to +85°C; VCC = 5V ± 10%)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Address Setup Time
tAS
5
ns
Address Hold Time
tAH
25
ns
Output Enable Access
tOEA
0
50
ns
10
OE to High Z
tOEZ
0
20
ns
CE to High Z
tCEZ
0
20
ns
Data Setup Time
tDS
0
ns
Data Hold Time
tDH
10
ns
Write Pulse Width
tWP
50
ns
11
CE Recovery Time
tCER
20
ns
12
WE Recovery Time
tWER
20
ns
12
OE Recovery Time
tOER
20
ns
12
CE to OE Setup Time
tCOE
25
ns
CE to WE Setup Time
tCWE
25
ns
AC ELECTRICAL CHARACTERISTICS
(–40
°C to +85°C; VCC = 2.5V – 4.5V)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Address Setup Time
tAS
5
ns
Address Hold Time
tAH
25
ns
Output Enable Access
tOEA
0
100
ns
10
OE to High Z
tOEZ
0
20
ns
CE to High Z
tCEZ
0
20
ns
Data Setup Time
tDS
0
ns
Data Hold Time
tDH
10
ns
Write Pulse Width
tWP
100
ns
11
CE Recovery Time
tCER
20
ns
12
WE Recovery Time
tWER
20
ns
12
OE Recovery Time
tOER
20
ns
12
CE to OE Setup Time
tCOE
25
ns
CE to WE Setup Time
tCWE
25
ns



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com