Electronic Components Datasheet Search
  English  ▼

X  

SMB30J Datasheet(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # SMB30J
Description  3000W Transient Voltage Suppressor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

SMB30J Datasheet(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  SMB30J Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd SMB30J Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd SMB30J Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd SMB30J Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Features
● Glass passivated chip
● 3000 W peak pulse power capability with a 10/1000
us waveform, repetitive rate (duty cycle):0.01 %
● Excellent clamping capability
● Low reverse leakage
● Very fast response time
● Lead and body according with RoHS standard
Mechanical Data
● Case: DO-214AA/(SMB) Molded plastic
● Lead: Solderable per MIL-STD-750, method 2026
● Epoxy: UL 94V-0 rate flame retardant
● Polarity: Color band denotes cathode end except Bipolar
● Mounting position: Any
Maximum Ratings & Characteristics Ratings at 25℃ ambient temperature unless otherwise specified.
Unit
W
A
W
A
V
℃
Note:
1)Non-repetitive current pulse per Fig.5 and derated above TA= 25 °C per Fig.1;
2)Measured on 8.3 ms single half sine-wave or equivalent square wave, duty cycle = 4 pulses per minute maximum;
3)VF<7.0V for devices of VBR<100V and VF<13.0V for devices of VBR>101V。
Operating junction and storage temperature range
TJ,TSTG
-55 to +150
Peak forward surge current, 8.3 ms single half sinewave
unidirectional only(2)
IFSM
200
Maximum instantaneous forward voltage at 100 A for
unidirectional only(3)
VF
7.0/13.0
Peak pulse current wih a 10/1000 us waveform(1)
IPP
See Next Table
Power dissipation on infinite heatsink at TL = 75 °C
PD
6.5
Parameter
Symbols
Value
Peak power dissipation with a 10/1000 us waveform(1)
PPP
3000
SMB 30J Series 3000W Transient Voltage Suppressor
00W Transient Voltage Suppressor
Rev 2.0 :
www.leiditech.com
12.01.2019
1/4
SMB
Symbol


Similar Part No. - SMB30J

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
SMB30 LITEON-SMB30 Datasheet
37Kb / 4P
SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
logo
MIC GROUP RECTIFIERS
SMB30 MIC-SMB30 Datasheet
74Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Shenzhen Luguang Electr...
SMB30 LUGUANG-SMB30 Datasheet
164Kb / 4P
600Watts Surface Mount Transient Voltage Suppressor
logo
Allied Components Inter...
SMB30-RC ALLIED-SMB30-RC Datasheet
249Kb / 1P
Surface Mount Beads
SMB30-RC ALLIED-SMB30-RC Datasheet
237Kb / 1P
Surface Mount Beads
More results

Similar Description - SMB30J

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
3KP WTE-3KP_06 Datasheet
82Kb / 6P
3000W TRANSIENT VOLTAGE SUPPRESSOR
3KP180 WTE-3KP180 Datasheet
72Kb / 5P
3000W TRANSIENT VOLTAGE SUPPRESSOR
logo
TAITRON Components Inco...
3KP5.0A TAITRON-3KP5.0A Datasheet
222Kb / 6P
3000W Transient Voltage Suppressor
logo
Weitron Technology
3.0SMCJ WEITRON-3.0SMCJ Datasheet
330Kb / 4P
3000W Surface Mount Transient Voltage Suppressor
logo
Frontier Electronics.
3.0SMCJ5.0 FRONTIER-3.0SMCJ5.0 Datasheet
192Kb / 4P
3000W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diodes Incorporated
3.0SMCJ58A-13 DIODES-3.0SMCJ58A-13 Datasheet
99Kb / 4P
3000W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Rev erse
logo
Comchip Technology
3KP-G COMCHIP-3KP-G Datasheet
308Kb / 5P
3000W Transient Voltage Suppressor
3KP-HF COMCHIP-3KP-HF Datasheet
308Kb / 5P
3000W Transient Voltage Suppressor
logo
WeEn Semiconductors
SMDJ WEEN-SMDJ Datasheet
591Kb / 7P
3000W Transient Voltage Suppressor
logo
Shanghai Leiditech Elec...
3KP LEIDITECH-3KP Datasheet
819Kb / 5P
3000W Transient Voltage Suppressor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com