Electronic Components Datasheet Search
  English  ▼

X  

DS1258AB Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # DS1258AB
Description  128k x 16 Nonvolatile SRAM
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1258AB Datasheet(HTML) 4 Page - Maxim Integrated Products

  DS1258AB Datasheet HTML 1Page - Maxim Integrated Products DS1258AB Datasheet HTML 2Page - Maxim Integrated Products DS1258AB Datasheet HTML 3Page - Maxim Integrated Products DS1258AB Datasheet HTML 4Page - Maxim Integrated Products DS1258AB Datasheet HTML 5Page - Maxim Integrated Products DS1258AB Datasheet HTML 6Page - Maxim Integrated Products DS1258AB Datasheet HTML 7Page - Maxim Integrated Products DS1258AB Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
DS1258Y/AB
4 of 8
CAPACITANCE
(tA = +25
°C)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS NOTES
Input Capacitance
CIN
20
25
pF
Input/Output Capacitance
CI/O
5
10
pF
AC ELECTRICAL
(VCC = 5V
± 5% for DS1258AB)
CHARACTERISTICS
(tA: See Note 10) (VCC = 5V
± 10% for DS1258Y)
DS1258AB-70
DS1258Y-70
DS1258AB-100
DS1258Y-100
PARAMETER
SYMBOL
MIN
MAX
MIN
MAX
UNITS NOTES
Read Cycle Time
tRC
70
100
ns
Access Time
tACC
70
100
ns
OE
to Output Valid
tOE
35
50
ns
CEU or CEL
to Output Valid
tCO
70
100
ns
OE
or CEU or CEL to Output Valid
tCOE
5
5
ns
5
Output High Z from Deselection
tOD
25
35
ns
5
Output Hold from Address Change
tOH
5
5
ns
Write Cycle Time
tWC
70
100
ns
Write Pulse Width
tWP
55
75
ns
3
Address Setup Time
tAW
0
0
ns
Write Recovery Time
tWR1
tWR2
5
15
5
15
ns
ns
12
13
Output High Z from WE
tODW
25
35
ns
5
Output Active from WE
tOEW
5
5
ns
5
Data Setup Time
tDS
30
40
ns
4
Data Hold Time
tDH1
tDH2
0
10
0
10
ns
ns
12
13
READ CYCLE
SEE NOTE 1



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com