Electronic Components Datasheet Search
  English  ▼

X  

DS1221 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # DS1221
Description  Nonvolatile Controller x 4 Chip
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1221 Datasheet(HTML) 2 Page - Maxim Integrated Products

  DS1221 Datasheet HTML 1Page - Maxim Integrated Products DS1221 Datasheet HTML 2Page - Maxim Integrated Products DS1221 Datasheet HTML 3Page - Maxim Integrated Products DS1221 Datasheet HTML 4Page - Maxim Integrated Products DS1221 Datasheet HTML 5Page - Maxim Integrated Products DS1221 Datasheet HTML 6Page - Maxim Integrated Products DS1221 Datasheet HTML 7Page - Maxim Integrated Products DS1221 Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
DS1221
2 of 8
CONTROLLER /DECODER OPERATION
The DS1221 nonvolatile controller performs six circuit functions required to decode and battery-backup a
bank of up to four CMOS RAMs. First, a 2-to-4 decoder provides selection of one of four RAMs (see
Figure 1). Second, a switch is provided to direct power from the battery or VCCI supply, depending on
which is greater, to the VCCO pin. This switch has a voltage drop of less than 0.2V. The third function
which the nonvolatile controller provides is power-fail detection. The DS1221 constantly monitors the
VCCI supply. When VCCI falls below 4.5 volts, a precision comparator detects the condition and inhibits
the RAM chip enables ( CE0 through CE3 ). The fourth function of write protection is accomplished by
holding all chip enable outputs ( CE0 through CE3 ) to within 0.2 volts of VCCI or battery supply. If the
Chip Enable Input ( CE ) is low at the time power-fail detection occurs, the chip enable outputs are kept in
their present state until CE is driven high. The delay of write protection until the current memory cycle is
completed prevents the corruption of data. Power failure detection occurs in the range of 4.5 to 4.25 volts.
During nominal supply conditions the chip enable outputs follow the logic of a 2-to-4 decoder. The fifth
function the DS1221 performs is to check battery status to warn of potential data loss. Each time that VCCI
power is restored the battery voltage is checked with a precision comparator. If the connected battery
voltage is less than 2 volts, the second memory cycle is inhibited. Battery status can, therefore, be
determined by performing a read cycle after power-up to any location in memory, verifying that memory
location content. A subsequent write cycle can then be executed to the same memory location, altering the
data. If the next read cycle fails to verify the written data, the contents of the memories are questionable.
The sixth function of the nonvolatile controller provides for battery redundancy. In many applications,
data integrity is paramount. In these applications it is often desirable to use two batteries to ensure
reliability. The DS1221 provides an internal isolation switch which provides for connection of two
batteries. During battery back-up operation the battery with the highest voltage is selected for use. If one
battery should fail, the other will automatically take over. The switch between batteries is transparent to
the user. A battery status warning will occur if both batteries are less than 2.0 volts. If only one battery is
used, the second battery input must be grounded. Figure 2 illustrates the connections required for the
DS1221 in a typical application.
NONVOLATILE CONTROLLER/DECODER Figure 1
INPUTS
OUTPUTS
VCCI
CE
BA
CE0
CE1
CE2
CE3
>=4.5
HXXHH
H
H
<4.25
XXXHH
H
H
>=4.5
LLLL
H
H
H
>=4.5
L
L
H
H
L
H
H
>=4.5
LH
LH
H
L
H
>=4.5
L
HHHH
H
L
H = High Level
L = Low Level
X = Irrelevant



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com