Electronic Components Datasheet Search
  English  ▼

X  

BIS01F5 Datasheet(PDF) 1 Page - Balluff Korea Ltd.

Part # BIS01F5
Description  Multi-Frequency Processor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BIS01F5 Datasheet(HTML) 1 Page - Balluff Korea Ltd.

  BIS01F5 Datasheet HTML 1Page - Balluff Korea Ltd. BIS01F5 Datasheet HTML 2Page - Balluff Korea Ltd. BIS01F5 Datasheet HTML 3Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Multi-Frequency Processor
BIS V-6110-063-C102-SA3
Order Code: BIS01F5
Internet
www.balluff.com
eCl@ss 9.1: 27-28-04-01
Subject to change without notice: 284886
ETIM 6.0: EC002998
BIS01F5_0.24_2021-10-02
1 / 3
1) Tightening torque
Basic features
Approval/Conformity
CE
EAC
cULus
WEEE
EN 301489-1/-3
EN55022 (Class A)
Principle of operation
Processor unit
Display/Operation
Function indicator
Run EtherCAT, LED green
Ready, LED green
Error EtherCAT, LED red
Link/Activity ECAT Out, LED
green
Link/Activity ECAT In, LED green
Electrical connection
Connection (COM 1)
ECAT In: M12x1-Female, 4-pin,
D-coded
Connection (COM 2)
ECAT Out: M12x1-Female, 4-pin,
D-coded
Connection (Service)
M12x1-Female, 5-pin, A-coded
Connection (supply voltage IN)
7/8"-Male, 5-pin
Connection slots
H1: M12x1-Female, 5-pin
H2: M12x1-Female, 5-pin
H3: M12x1-Female, 5-pin
H4: M12x1-Female, 5-pin
Connector port 01, note type
for all VU/VM/VL-3… with
connector, 4-pin and C-3… with
adapter


Similar Part No. - BIS01F5

ManufacturerPart #DatasheetDescription
logo
Balluff Korea Ltd.
BIS01F2 BALLUFF-BIS01F2 Datasheet
153Kb / 2P
Multi-Frequency Processor
BIS01F3 BALLUFF-BIS01F3 Datasheet
155Kb / 3P
Multi-Frequency Processor
BIS01F4 BALLUFF-BIS01F4 Datasheet
152Kb / 3P
Multi-Frequency Processor
More results

Similar Description - BIS01F5

ManufacturerPart #DatasheetDescription
logo
Balluff Korea Ltd.
BIS01F2 BALLUFF-BIS01F2 Datasheet
153Kb / 2P
Multi-Frequency Processor
BIS01F4 BALLUFF-BIS01F4 Datasheet
152Kb / 3P
Multi-Frequency Processor
BIS012E BALLUFF-BIS012E Datasheet
148Kb / 3P
Multi-Frequency Processor
BIS014C BALLUFF-BIS014C Datasheet
145Kb / 3P
Multi-Frequency Processor
BIS0146 BALLUFF-BIS0146 Datasheet
144Kb / 3P
Multi-Frequency Processor
BIS0147 BALLUFF-BIS0147 Datasheet
145Kb / 3P
Multi-Frequency Processor
BIS00T3 BALLUFF-BIS00T3 Datasheet
147Kb / 3P
Multi-Frequency Processor
BIS00U9 BALLUFF-BIS00U9 Datasheet
144Kb / 3P
Multi-Frequency Processor
BIS0122 BALLUFF-BIS0122 Datasheet
143Kb / 3P
Multi-Frequency Processor
BIS018K BALLUFF-BIS018K Datasheet
270Kb / 3P
Multi-Frequency Processor
1.36_2021-09-16
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com