Electronic Components Datasheet Search
  English  ▼

X  

TSH344 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TSH344
Description  340MHz Single-Supply Triple Video Buffer
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH344 Datasheet(HTML) 1 Page - STMicroelectronics

  TSH344 Datasheet HTML 1Page - STMicroelectronics TSH344 Datasheet HTML 2Page - STMicroelectronics TSH344 Datasheet HTML 3Page - STMicroelectronics TSH344 Datasheet HTML 4Page - STMicroelectronics TSH344 Datasheet HTML 5Page - STMicroelectronics TSH344 Datasheet HTML 6Page - STMicroelectronics TSH344 Datasheet HTML 7Page - STMicroelectronics TSH344 Datasheet HTML 8Page - STMicroelectronics TSH344 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
January 2006
Rev. 2
1/14
14
TSH344
340MHz Single-Supply Triple Video Buffer
■ Bandwidth: 340MHz
■ 5V single-supply operation
■ Low output rail guaranteed at 60mV max.
■ Internal gain of 6dB for a matching between 3
channels
■ Very low harmonic distortion
■ Slew rate: 740V/
µs
■ Specified for 150
Ω and 100Ω loads
■ Tested on 5V power supply
■ Data min. and max. are tested during
production
Description
The TSH344 is a triple single-supply video buffer
featuring an internal gain of 6dB and a large
bandwidth of 340MHz.
The main advantage of this buffer is its very low
output rail very close to GND when supplied in
single supply 0/5V. This output rail is guaranteed
by test at 60mV from GND on 150
Ω. Chapter 4 of
this datasheet gives technical support when using
the TSH344 as RGB driver for video DAC output
on a video line (see TSH343 for Y-Pb-Pr signals).
The TSH344 is available in the compact SO8
plastic package for optimum space-saving.
Pin Connections (top view)
Applications
■ High-end video systems
■ High Definition TV (HDTV)
■ Broadcast and graphic video
■ Multimedia products
Order Codes
Top View
OUT2
1
IN2
OUT1
+Vcc
2
3
7
8
OUT3
IN1
4
6
IN3
GND
SO8
Pin1 identification
5
6dB
6dB
6dB
Part Number
Temperature Range
Package
Packing
Marking
TSH344ID
-40°C to +85°C
SO-8
Tube
TSH344I
TSH344IDT
Tape & Reel
TSH344I
www.st.com


Similar Part No. - TSH344

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSH344 STMICROELECTRONICS-TSH344 Datasheet
298Kb / 17P
340MHz single-supply triple video buffer
14-Mar-2007
TSH344ID STMICROELECTRONICS-TSH344ID Datasheet
298Kb / 17P
340MHz single-supply triple video buffer
14-Mar-2007
TSH344IDT STMICROELECTRONICS-TSH344IDT Datasheet
298Kb / 17P
340MHz single-supply triple video buffer
14-Mar-2007
TSH344 STMICROELECTRONICS-TSH344_07 Datasheet
298Kb / 17P
340MHz single-supply triple video buffer
14-Mar-2007
More results

Similar Description - TSH344

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8013 AD-AD8013 Datasheet
319Kb / 12P
Single Supply, Low Power, Triple Video Amplifier
REV.A
AD813 AD-AD813 Datasheet
550Kb / 19P
Single Supply, Low Power Triple Video Amplifier
REV.B
logo
STMicroelectronics
TSH343 STMICROELECTRONICS-TSH343 Datasheet
228Kb / 14P
280MHz Single - Supply Triple Video Buffer
Jan-2006
TSH343 STMICROELECTRONICS-TSH343_07 Datasheet
313Kb / 17P
280MHz single-supply triple video buffer
07-Mar-2007
TSH344 STMICROELECTRONICS-TSH344_07 Datasheet
298Kb / 17P
340MHz single-supply triple video buffer
14-Mar-2007
logo
Analog Devices
AD813ARZ-14 AD-AD813ARZ-14 Datasheet
394Kb / 19P
Single Supply, Low Power Triple Video Amplifier
REV. B
AD813ANZ AD-AD813ANZ Datasheet
394Kb / 19P
Single Supply, Low Power Triple Video Amplifier
REV. B
AD813ANZ AD-AD813ANZ Datasheet
553Kb / 19P
Single Supply, Low Power Triple Video Amplifier
REV. B
AD813 AD-AD813_15 Datasheet
553Kb / 19P
Single Supply, Low Power Triple Video Amplifier
REV. B
AD813 AD-AD813_17 Datasheet
586Kb / 20P
Single Supply, Low Power Triple Video Amplifier
23-Feb-2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com