Electronic Components Datasheet Search
  English  ▼

X  

TSH344ID Datasheet(PDF) 8 Page - STMicroelectronics

Part # TSH344ID
Description  340MHz Single-Supply Triple Video Buffer
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH344ID Datasheet(HTML) 8 Page - STMicroelectronics

Back Button TSH344ID Datasheet HTML 4Page - STMicroelectronics TSH344ID Datasheet HTML 5Page - STMicroelectronics TSH344ID Datasheet HTML 6Page - STMicroelectronics TSH344ID Datasheet HTML 7Page - STMicroelectronics TSH344ID Datasheet HTML 8Page - STMicroelectronics TSH344ID Datasheet HTML 9Page - STMicroelectronics TSH344ID Datasheet HTML 10Page - STMicroelectronics TSH344ID Datasheet HTML 11Page - STMicroelectronics TSH344ID Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Electrical Characteristics
TSH344
8/14
Rev. 2
Figure 19. Ibias vs. temperature
Figure 20. Gain matching vs. temperature
Figure 21. Supply current vs. temperature
Figure 22. Output current vs. temperature
Figure 23. Output higher rail vs. temperature
Figure 24. Output lower rail vs. temperature
-40
-20
0
204060
80
7
6
5
4
3
2
Vcc=5V
Load=150
Ω
Temperature (°C)
-40
-20
0
204060
80
0,0
0,2
0,4
0,6
0,8
1,0
Gain Matching between 3 channels
Vcc=5V
Load=150
Ω
Vin=0.3V and 1V
Temperature (°C)
-40
-20
0
204060
80
7
8
9
10
11
Vcc=5V
no Load
Temperature (°C)
-40
-20
0
20406080
50
60
70
80
90
100
Vcc=5V
Load=150
Ω
Temperature (°C)
-40
-20
0
20406080
3,5
3,6
3,7
3,8
3,9
4,0
4,1
4,2
Vcc=5V
Load=150
Ω
Temperature (°C)
-40
-20
0
20406080
20
25
30
35
40
45
50
Vcc=5V
Load=150
Ω
Temperature (°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com