Electronic Components Datasheet Search
  English  ▼

X  

TSH344IDT Datasheet(PDF) 7 Page - STMicroelectronics

Part # TSH344IDT
Description  340MHz Single-Supply Triple Video Buffer
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH344IDT Datasheet(HTML) 7 Page - STMicroelectronics

Back Button TSH344IDT Datasheet HTML 3Page - STMicroelectronics TSH344IDT Datasheet HTML 4Page - STMicroelectronics TSH344IDT Datasheet HTML 5Page - STMicroelectronics TSH344IDT Datasheet HTML 6Page - STMicroelectronics TSH344IDT Datasheet HTML 7Page - STMicroelectronics TSH344IDT Datasheet HTML 8Page - STMicroelectronics TSH344IDT Datasheet HTML 9Page - STMicroelectronics TSH344IDT Datasheet HTML 10Page - STMicroelectronics TSH344IDT Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
TSH344
Electrical Characteristics
Rev. 2
7/14
Figure 13. Reverse isolation vs. frequency
Figure 14. Output swing vs. frequency
Figure 15. Quiescent current vs. Supply
Figure 16. Output swing vs. supply
Figure 17. Bandwidth vs. temperature
Figure 18. Voltage gain vs. temperature
1M
10M
100M
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
Vcc=5V
Load=150
Ω
Frequency (Hz)
1M
10M
100M
0
1
2
3
4
5
Vcc=5V
Load=100
Ω or Load=150Ω
Frequency (Hz)
0,0
0,5
1,0
1,5
2,0
2,5
3,0
3,5
4,0
4,5
5,0
0
5
10
15
20
25
30
Vcc=5V
no load
Vcc (V)
3,00
3,25
3,50
3,75
4,00
4,25
4,50
4,75
5,00
0
1
2
3
4
5
Vcc=5V
F=30MHz
Load=100
Ω or 150Ω
Vcc (V)
-40
-20
0
2040
6080
100
150
200
250
300
350
400
450
500
Vcc=5V
Load=150
Ω
Temperature (°C)
-40
-20
0
204060
80
1,95
1,96
1,97
1,98
1,99
2,00
2,01
2,02
2,03
2,04
2,05
Vcc=5V
Load=150
Ω
Temperature (°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com