Electronic Components Datasheet Search
  English  ▼

X  

173113 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 173113
Description  Air solenoid valve
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

173113 Datasheet(HTML) 1 Page - Festo Corporation.

  173113 Datasheet HTML 1Page - Festo Corporation. 173113 Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Air solenoid valve
MEBH-5/2-5,0-B-230AC
Part number: 173113
Data sheet
Feature
Value
Valve function
5/2, monostable
Actuation type
Electrical
Width
17.8 mm
Standard nominal flow rate
700 l/min
Pneumatic working port
Sub-base
Operating voltage
230V AC
Operating pressure
2.5 bar ... 8 bar
Structural design
Piston gate valve
Reset method
Mechanical spring
Certification
c UL us - Recognized (OL)
CE marking (see declaration of conformity)
As per EU low voltage directive
Degree of protection
IP65
Nominal width
5 mm
Width dimension
18 mm
Type code
MEBH
Exhaust air function
With flow control option
Sealing principle
Soft
Mounting position
Any
Manual override
Detenting via accessory
Type of control
Pilot-controlled
Pilot air supply port
Internal
Flow direction
Non-reversible
Symbol
00991035
Lap
Overlap
Pilot pressure
2.5 bar ... 8 bar
b-value
0.38
C value
2.75 l/sbar
Switching time off
28 ms
On switching time
10 ms
Duty cycle
100%
Coil characteristics
230 V AC: 50/60 Hz, initial power 3.0 VA, holding power 2.4 VA
Operating medium
Compressed air as per ISO 8573-1:2010 [7:4:4]
Information on operating and pilot media
Operation with oil lubrication possible (required for further use)
Vibration resistance
Transport application test with severity level 1 as per FN 942017-4 and
EN 60068-2-6
Shock resistance
Shock test with severity level 2 as per FN 942017-5 and EN 60068-2-27
10/19/21 - Subject to change - Festo AG & Co. KG
1/2


Similar Part No. - 173113

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
173113 MOLEX-173113 Datasheet
41Kb / 2P
FCT D-Sub Connectors
06/26/2019
173113 MOLEX-173113 Datasheet
40Kb / 1P
FCT D-Sub Connectors
07/29/2021
173113-0001 MOLEX-173113-0001 Datasheet
41Kb / 2P
FCT D-Sub Connectors
06/26/2019
173113-0002 MOLEX-173113-0002 Datasheet
40Kb / 1P
FCT D-Sub Connectors
07/29/2021
1731130001 MOLEX-1731130001 Datasheet
41Kb / 2P
FCT D-Sub Connectors
06/26/2019
More results

Similar Description - 173113

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
VUVG-B10-B52-ZT-F-1R8L FESTO-VUVG-B10-B52-ZT-F-1R8L Datasheet
96Kb / 2P
Air solenoid valve
VUVG-B10-M52-RZT-F-1R8L FESTO-VUVG-B10-M52-RZT-F-1R8L Datasheet
95Kb / 2P
Air solenoid valve
VUVG-B10-T32C-MZT-F-1R8L FESTO-VUVG-B10-T32C-MZT-F-1R8L Datasheet
101Kb / 2P
Air solenoid valve
VUVG-B10-T32H-AZT-F-1R8L FESTO-VUVG-B10-T32H-AZT-F-1R8L Datasheet
100Kb / 2P
Air solenoid valve
VUVG-BK10-B52-T-F-1H2L-S FESTO-VUVG-BK10-B52-T-F-1H2L-S Datasheet
95Kb / 2P
Air solenoid valve
VUVS-LT20-M32C-MD-G18-F7 FESTO-VUVS-LT20-M32C-MD-G18-F7 Datasheet
103Kb / 2P
Air solenoid valve
VUVS-LT20-M32C-MD-N18-F7 FESTO-VUVS-LT20-M32C-MD-N18-F7 Datasheet
103Kb / 2P
Air solenoid valve
VUVS-LT20-M32U-MD-G18-F7 FESTO-VUVS-LT20-M32U-MD-G18-F7 Datasheet
103Kb / 2P
Air solenoid valve
VUVS-LT20-M52-MZD-G18-F7 FESTO-VUVS-LT20-M52-MZD-G18-F7 Datasheet
103Kb / 2P
Air solenoid valve
MN1H-2-1-MS-NPT FESTO-MN1H-2-1-MS-NPT Datasheet
91Kb / 1P
Air solenoid valve
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com