Electronic Components Datasheet Search
  English  ▼

X  

TLV3603 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TLV3603
Description  TLV3601, TLV3603 325 MHz High-Speed Comparator with 2.5 ns Propagation Delay
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV3603 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TLV3603 Datasheet HTML 17Page - Texas Instruments TLV3603 Datasheet HTML 18Page - Texas Instruments TLV3603 Datasheet HTML 19Page - Texas Instruments TLV3603 Datasheet HTML 20Page - Texas Instruments TLV3603 Datasheet HTML 21Page - Texas Instruments TLV3603 Datasheet HTML 22Page - Texas Instruments TLV3603 Datasheet HTML 23Page - Texas Instruments TLV3603 Datasheet HTML 24Page - Texas Instruments TLV3603 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
8.2.4 External Trigger Function for Oscilloscopes
Below is a typical configuration for creating an external trigger on oscilliscopes. The user adjusts the trigger level
by programming a DAC that the TLV3601 and TLV3603 can use as a reference. The input from an oscilloscope
channel is then compared to the trigger reference voltage, and the comparator sends a signal to a downstream
FPGA to begin a capture.
VCC = 5V
FPGA
TLV3601
DAC
-
+
+
–
VIN
Trigger Input
Figure 8-11. External Trigger Function
9 Power Supply Recommendations
The TLV3601 and TLV3603 are specified for operation from 2.4 V to 5.5 V. While most applications will require
single supply operation where VEE is connected to the ground plane and VCC is connected to the intended
power supply level, the comparators can also be operated with split supplies. One caution when using split
supplies is that the output logic levels are determined by the VCC and VEE levels. For example, if split supplies
of +/- 2.5V are used, the output levels will be 2.5V and -2.5V accordingly. In addition, the logic level of the
LE/HYS pin will also be referenced to VEE. This means that the external hysteresis resistor on the TLV3603
needs to be connected between the LE/HYS pin and VEE (not to ground) for proper operation.
Regardless of single supply or split supply operation, proper decoupling capacitors are required. It is
recommended to use a scheme of multiple, low-ESR ceramic capacitors from the supply pins to the ground
plane for optimum performance. A good combination would be 100 pF, 10 nF, and 1 uF with the lowest value
capacitor closest to the comparator.
www.ti.com
TLV3601, TLV3603
SNOSDB1A – JUNE 2021 – REVISED SEPTEMBER 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: TLV3601 TLV3603



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com