Electronic Components Datasheet Search
  English  ▼

X  

ICL7622DCPD Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # ICL7622DCPD
Description  Single/Dual/Triple/Quad Operational Amplifiers
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

ICL7622DCPD Datasheet(HTML) 4 Page - Maxim Integrated Products

  ICL7622DCPD Datasheet HTML 1Page - Maxim Integrated Products ICL7622DCPD Datasheet HTML 2Page - Maxim Integrated Products ICL7622DCPD Datasheet HTML 3Page - Maxim Integrated Products ICL7622DCPD Datasheet HTML 4Page - Maxim Integrated Products ICL7622DCPD Datasheet HTML 5Page - Maxim Integrated Products ICL7622DCPD Datasheet HTML 6Page - Maxim Integrated Products ICL7622DCPD Datasheet HTML 7Page - Maxim Integrated Products ICL7622DCPD Datasheet HTML 8Page - Maxim Integrated Products ICL7622DCPD Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
Total Supply Voltage (V+ to V-) ..........................................+18V
Input Voltage ......................................(V+ + 0.3V) to (V- - 0.3V)
Differential Input Voltage (Note 1) ....±(V+ + 0.3V) to (V- - 0.3V)
Duration of Output Short Circuit (Note 2) .................... Unlimited
Continuous Power Dissipation (TA = +25°C)
TO-99 Metal Can (derate 2mW/°C above +25°C) ......250mW
8-Pin Minidip (derate 2mW/°C above +25°C) ............250mW
14-Pin Plastic (derate 3mW/°C above +25°C) ...........375mW
14-Pin CERDIP (derate 4mW/°C above +25°C) ........500mW
16-Pin Plastic (derate 3mW/°C above +25°C) ...........375mW
16-Pin CERDIP (derate 4mW/°C above +25°C) ........500mW
Operating Temperature Ranges:
M Series ........................................................... -55°C to +125°C
E Series ............................................................. -40°C to +85°C
C Series ............................................................... -0°C to +70°C
Storage Temperature Range ........................... -55°C to +150°C
Lead Temperature (soldering, 10s) . ...............................+300°C
Soldering Temperature (reflow)
Lead(Pb)-Free Packages ............................................+260°C
Packages Containing Lead..........................................+240°C
(VSUPP = ±1.0V, IQ = 10μA, TA = +25°C, unless otherwise noted.)
Note 1: Long-term offset voltage stability will be degraded if large input differential voltages are applied for long periods of time.
Note 2: The outputs may be shorted to ground or to either supply for VSUPP ≤ 10V. Care must be taken to insure that the
dissipation rating is not exceeded.
PARAMETER
SYMBOL
CONDITIONS
ICL76XXA
ICL76XXB
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
Input Offset Voltage
VOS
RS ≤ 100kΩ,
TA = +25°C
2
5
mV
RS ≤ 100kΩ,
TMIN ≤ TA ≤ TMAX
3
7
Temperature
Coefficient of VOS
ΔVOS/ΔT RS ≤ 100kΩ
10
15
µV/°C
Input Offset Current
IOS
TA = +25°C
0.5
30
0.5
30
pA
0°C ≤ TA ≤ +70°C
300
300
Input Bias Current
IBIAS
TA = +25°C
1.0
50
1.0
50
pA
0°C ≤ TA ≤ +70°C
500
500
Common-Mode
Voltage Range
(Except ICL7612/
ICL7616)
VCMR
-0.4
+0.6
-0.4
+0.6
V
Extended Common-
Mode Voltage Range
(ICL7612 Only)
VCMR
-1.1
+0.6
-1.1
+0.6
V
Extended Common-
Mode Voltage Range
(ICL7616 Only)
VCMR
IQ = 10µA
-1.3
-0.3
-1.3
-0.3
V
Output Voltage Swing
VOUT
RL = 1MΩ, TA = +25°C
±0.98
±0.98
V
RL = 1MΩ, 0°C ≤ TA ≤ +70°C
±0.96
±0.96
Absolute Maximum Ratings (Single/Dual)
Electrical Characteristics (Single/Dual)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
ICL761X–ICL764X
Single/Dual/Triple/Quad
Operational Amplifiers
www.maximintegrated.com
Maxim Integrated │ 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com