Electronic Components Datasheet Search
  English  ▼

X  

AB1202 Datasheet(PDF) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # AB1202
Description  Air source type AC pulse ion bar
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

AB1202 Datasheet(HTML) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  AB1202 Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd AB1202 Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd AB1202 Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
防静电专家
上海雷卯电子科技有限公司
2
www.leiditech.com
工作湿度 <70%
气压范围 0.1-0.6MPa
导线长度 2.5m
◆ 工 作 方 式 (脉冲
AC)
◆ 消 除 静 电 效 果 图
测试仪器:
3M-711 静电测试仪
测试标准:
ESD.STM3.1-2000;SJ/T 11446—2013
测试电压:
±1000 — ±100V 衰减
测试环境:湿度
50±5% 温度 23±3℃
1.5
s
0.5
s
0.6
s
+20
V
200
mm
450
mm
300
mm
100
mm
-
+
-13
V
0.7
s
0.6
s
-7
V
1.2
s
-25
V
0.4
s
0.3
s
AP-AB1202
◆ 外 形 尺 寸 图



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com