Electronic Components Datasheet Search
  English  ▼

X  

AC0001 Datasheet(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # AC0001
Description  Carbon brush type static eliminator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

AC0001 Datasheet(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  AC0001 Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd AC0001 Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
防静电专家
上海雷卯电子科技有限公司
1
www.leiditech.com
碳刷型静电消除器 AC0001
◆ 产品特点
1、 为棒型、横置、无源碳刷式静电消除器。
2、 具有近似导体的优良导电特性。
3、 物性柔软,不会擦伤所接触的材料,能有效及时地消除静电。
4、 毛刷本身具有耐酸、耐碱、耐氧化、耐高温、耐低温等优点;
5、 长期浸泡于甲苯、丁酮等溶济中而不改变特性。
6、 不怕火烧,火烧后不改变性能。
7、 不耗电、无触电危险,不产生有害射线,不污染环境。
8、 毛刷为碳纤维织布型式,不易掉毛、沾染被消电物体。
9、 棒体背部特制条形槽口,结构简单、体积小、重量轻,安装螺栓可移动,安装维修方便。
◆ 行 业 应 用
可广泛应用于塑胶、薄膜、印刷、纺织等行业。


Similar Part No. - AC0001

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
AC00 NSC-AC00 Datasheet
129Kb / 6P
Quad 2-Input NAND Gate
logo
Hotchip Technology Co.,...
AC0025S HOTCHIP-AC0025S Datasheet
955Kb / 6P
DIssocIatIve DCM control applications ;
More results

Similar Description - AC0001

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
GS-R280BE STMICROELECTRONICS-GS-R280BE Datasheet
62Kb / 3P
BATTERY ELIMINATOR
GS-R28.0BE-E
logo
Sanyo Semicon Device
STK681-050 SANYO-STK681-050 Datasheet
99Kb / 5P
Bidirectional DC Brush-Type Motor Driver (Io=5A)
logo
Vishay Siliconix
HCA0207 VISHAY-HCA0207 Datasheet
108Kb / 2P
Carbon Film Resistors, Power Type
02-Aug-02
logo
List of Unclassifed Man...
10A8DD ETC2-10A8DD Datasheet
161Kb / 5P
PWM BRUSH TYPE SERVO AMPLIFIERS
IG-22GM ETC1-IG-22GM Datasheet
168Kb / 1P
DC CARBON-BRUSH MOTORS
logo
Phihong USA Inc.
PSAA05A-050 PHIHONG-PSAA05A-050 Datasheet
261Kb / 3P
5W Low Cost Linear Eliminator
logo
Shenzhen Huazhimei Semi...
HM2570 HMSEMI-HM2570 Datasheet
749Kb / 11P
Brush type DC motor driver
HM2572 HMSEMI-HM2572 Datasheet
1Mb / 14P
Brush type DC motor driver
logo
Ultralife Corporation.
MRC-93 ULTRALIFE-MRC-93 Datasheet
669Kb / 2P
Ultimate Battery Eliminator
10 March 2016 Rev A
URG0002 ULTRALIFE-URG0002 Datasheet
1Mb / 3P
GenSet Eliminator??Skid
Rev: B
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com