Electronic Components Datasheet Search
  English  ▼

X  

MAX3522B Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX3522B
Description  DOCSIS 3.1 Programmable-Gain Amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3522B Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX3522B Datasheet HTML 1Page - Maxim Integrated Products MAX3522B Datasheet HTML 2Page - Maxim Integrated Products MAX3522B Datasheet HTML 3Page - Maxim Integrated Products MAX3522B Datasheet HTML 4Page - Maxim Integrated Products MAX3522B Datasheet HTML 5Page - Maxim Integrated Products MAX3522B Datasheet HTML 6Page - Maxim Integrated Products MAX3522B Datasheet HTML 7Page - Maxim Integrated Products MAX3522B Datasheet HTML 8Page - Maxim Integrated Products MAX3522B Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
(VDD = 4.75V to 5.25V, VGND = 0V, ZOUT = 75Ω, TXEN = high, Power code = 3, TA = 0°C to 70°C, Typical values are at VDD = 5V,
TA = +25°C, unless otherwise noted. Typical Application Circuit as shown. Note 1. )
Note 1: Limits are tested at TA = +70°C. Limits over the operating temperature range and relevant supply voltage range are
guaranteed by design and characterization.
Note 2: Guaranteed by design and characterization.
Note 3: For operation from a 100Ω source impedance, a 200Ω external shunt resistance must be added.
See Typical Application Circuit.
Note 4: Output return loss is measured with the LC matching network, as shown in the Typical Application Circuit.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
2nd Harmonic
HD2
fIN = 100MHz, VOUT = +68dBmV (Note 2)
-55
dBc
Two-Tone 2nd-Order Distortion
(f1 + f2)
IM2
f1 = 75MHz, f2 = 80MHz, VOUT = +65dBmV/
tone (Note 2)
-55
dBc
3rd Harmonic Distortion
HD3
fIN = 65MHz, VOUT = +68dBmV (Note 2)
-60
-55
dBc
Two-Tone 3rd-Order Distortion
IM3
f1 = 75MHz, f2 = 80MHz,
VOUT = +65dBmV/tone
-63
-57
dBc
Output Compression at
Peak Output
Gain = 25dB, output power = +79dBmV
0.3
dBmV
MER
4k FFT, 1024-QAM,
VOUT = +66dBmV
fIN = 150MHz,
BW = 96MHz
48.5
dB
fIN = 192MHz,
BW = 24MHz
47
4k FFT, 1024-QAM, VOUT
= +67dBmV, L1 = L2 =
68nH, C14 = C15 = 10pF
fIN = 150MHz,
BW = 96MHz
46.4
fIN = 192MHz,
BW = 24MHz
47.3
SERIAL PROGRAMMABLE INTERFACE
CSB to SCLK Rise Setup Time
tSENS
20
ns
CSB to SCLK Rise Hold Time
tSENH
10
ns
SDA to SCLK Setup Time
tSDAS
20
ns
SDA to SCLK Hold Time
tSDAH
10
ns
SCLK Pulse-Width High
tSCLKH
50
ns
SCLK Pulse-Width Low
tSCLKL
50
ns
Maximum SCLK Frequency
fSCLK
10
MHz
Electrical Characteristics (continued)
www.maximintegrated.com
Maxim Integrated │ 4
MAX3522B
DOCSIS 3.1 Programmable-Gain Amplifier



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com