Electronic Components Datasheet Search
  English  ▼

X  

MAX3645EEE Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX3645EEE
Description  2.97V to 5.5V, 125Mbps to 200Mbps Limiting Amplifier with Loss-of-Signal Detector
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3645EEE Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX3645EEE Datasheet HTML 1Page - Maxim Integrated Products MAX3645EEE Datasheet HTML 2Page - Maxim Integrated Products MAX3645EEE Datasheet HTML 3Page - Maxim Integrated Products MAX3645EEE Datasheet HTML 4Page - Maxim Integrated Products MAX3645EEE Datasheet HTML 5Page - Maxim Integrated Products MAX3645EEE Datasheet HTML 6Page - Maxim Integrated Products MAX3645EEE Datasheet HTML 7Page - Maxim Integrated Products MAX3645EEE Datasheet HTML 8Page - Maxim Integrated Products MAX3645EEE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
+2.97V to +5.5V, 125Mbps to 200Mbps Limiting
Amplifier with Loss-of-Signal Detector
4
_______________________________________________________________________________________
Typical Operating Characteristics
(VCC = 3.3V, PECL outputs terminated with 50
Ω to VCC - 2V, RTH = 100Ω, CAZ = 0.1µF, CSD = 1nF, TA = +25°C, unless otherwise noted.)
SUPPLY CURRENT vs. TEMPERATURE
(EXCLUDES PECL OUTPUT CURRENTS)
TEMPERATURE (
°C)
60
35
10
-15
10
15
20
25
30
35
40
45
50
5
-40
85
VCC = 5.0V
VCC = 3.3V
OUTPUT EYE DIAGRAM
(VIN = 1mVP-P, 155Mbps, 223 - 1PRBS)
MAX3654 toc02
1ns/div
200mV/
div
OUTPUT EYE DIAGRAM
(VIN = 1500mVP-P, 155Mbps, 223 - 1PRBS)
MAX3645 toc03
1ns/div
200mV/
div
TRANSFER FUNCTION
DIFFERENTIAL INPUT VOLTAGE (mVP-P)
10
1
0.1
600
800
1000
1200
1400
1600
1800
2000
400
0.01
100
RTH = 1k
Ω
RTH = 2k
Ω
RTH = 100
Ω
RTH = 0
Ω
BIT-ERROR RATIO vs.
DIFFERENTIAL INPUT VOLTAGE
DIFFERENTIAL INPUT VOLTAGE (mVP-P)
0.7
0.6
0.4
0.5
0.2
0.3
0.1
10-3
10-4
10-5
10-6
10-7
10-8
10-9
10-10
10-11
10-12
0
0.8
155Mbps, 223 - 1 PRBS
INPUT-REFERRED RMS NOISE
vs. TEMPERATURE
TEMPERATURE (
°C)
60
35
10
-15
20
25
30
35
40
45
50
55
60
65
70
75
80
85
15
-40
85
VCC = +5.0V
VCC = +3.3V
SMALL-SIGNAL GAIN vs. RTH
RTH (k
Ω)
1.7
1.5
1.0
1.2
0.5
0.7
0.2
10
20
30
40
50
60
70
80
90
100
0
02.0
VIN = 0.1mVP-P
LOSS-OF-SIGNAL THRESHOLD
vs. RTH (VCC = +3.3V AND +5.0V)
RTH (k
Ω)
1.8
1.6
1.2 1.4
0.4 0.6 0.8 1.0
0.2
2
4
6
8
10
12
14
16
18
20
22
24
26
28
30
0
0
2.0
LOS DEASSERT
LOS ASSERT
155Mbps, 223 - 1 PRBS
LOSS-OF-SIGNAL HYSTERESIS
vs. TEMPERATURE
TEMPERATURE (
°C)
60
35
10
-15
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
3.0
3.2
1.2
-40
85
RTH = 2k
Ω
RTH = 100
Ω
RTH = 1k
Ω
155Mbps, 223 - 1 PRBS



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com